Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-SD03F3 Datasheet(PDF) 11 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 9Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 10Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 11Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 12Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 13Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 14Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
EMIF06-SD03F3
Data transmission
Doc ID 15194 Rev 2
11/23
Figure 7.
Symbol definitions of tplh, tphl, tr and tf for AC characteristics in Table 11
4.1
Test circuit from host to SD
Test circuit from host to SD is shown in Figure 8. Timings are measured for the whole line
cell (shifter + EMI + ESD) on an external load Csd = 15 pF (board capacitance 5 pF + SD
card capacitance 10 pF).
Figure 8.
Test circuit from host to SD
Table 11.
AC characteristics(1)
1.
Taop -30 to 85 °C, Iout = 1 mA, Cbat = 2.2 µF, Cout = 2.2 µF
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
tphl
Propagation delay hl from host to SD
Section 4.1
-3.5
6
ns
tplh
Propagation delay lh from host to SD
-
3.5
6
tphl
Propagation delay hl from SD to host
Section 4.2
-3
6
ns
tplh
Propagation delay lh from SD to host
-
3
6
tr
Rise time from host to SD
Section 4.1
-1.5
3
ns
Rise time from SD to host
Section 4.2
-0.5
2
tf
Fall time from host to SD
Section 4.1
-1.9
3
ns
Fall time from SD to host
Section 4.2
-0.5
2
tskew
Delay differences from host to SD
Section 4.1,Section 4.3
-1.0
0
1.0
ns
tskew.f
tskew delay from SD to host
Section 4.2, Section 4.4
-1.5
0
1.5
ns
tp_clkf
Propagation delay for CLK feedback
-
6.5
12
ns
tr_clkf
Rise time for CLK feedback
Section 4.2
-0.5
2
ns
tf_clkf
Fall time for CLK feedback
Section 4.2
-0.5
2
ns
INPUT
0V
0V
Vor V
ccA
ccB
Vor V
ccA
ccB
OUTPUT
70%
20%
20%
50%
50%
50%
50%
tplh
tr
tf
tphl
70%
HOST
SD
Csd =15 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com