Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-SD03F3 Datasheet(PDF) 16 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 12Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 13Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 14Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 15Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 16Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 17Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 18Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 19Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Low drop out voltage regulator
EMIF06-SD03F3
16/23
Doc ID 15194 Rev 2
Table 13.
Dynamic parameters (VEN = VccA unless otherwise specified)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
LiTr
Line transient peak voltage
Vbat = 3.4 V ↑↓ 4 V, ttr = 30 µs, Iout = 200 mA
Tj = 25 °C (Section 5.1)
Cout = 2.2 µF, ESR = 5 mΩ
-4.2
-
mV
LdTr
Load transient peak voltage
Iout = 1 mA ↑↓ 200 mA, ttr = 10 µs, Vbat = 3.4 V
Tj = 25 °C (Section 5.2)
Cout = 2.2 µF, ESR = 5 mΩ
-9
-
mV
PSRR
Power supply rejection ratio
Vbat = 3.4 V, Iout = 100 mA,
Tj = 25 °C, Cout = 2.2 µF,
ESR = 5 m
Ω
F = 1 kHz
-
45
-
dB
F = 10 kHz
-
35
-
dB
tstart
Settling time
Vout ↑ 95% Nom, Vbat = 5 V, Iout = 200 mA
Tj = -30 °C to 125 °C, Cout = 2.2 µF,
Enable L
→ H
-
30
200
µs
tstop
Discharge time
Vout ↓ 10% Nom, Vbat = 3.4 V, Iout = 1 mA
Tj = 25 °C, Cout = 2.2 µF, Enable H → L
-600
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com