Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-SD03F3 Datasheet(PDF) 12 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 9Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 10Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 11Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 12Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 13Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 14Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 15Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Data transmission
EMIF06-SD03F3
12/23
Doc ID 15194 Rev 2
4.2
Test circuit from SD to host
Test circuit from SD to host is shown in Figure 9. Timings are measured for the whole line
cell (shifter + EMI + ESD) on an external load Chost = 5 pF (board capacitance + host
capacitance).
Figure 9.
Test circuit from SD to host
4.3
Measurement of tskew (host to SD) from rising edge CLK.h
Figure 10.
Example of measurement of tskew (host to SD) from rising edge of CLK.h
HOST
SD
Chost= 5 pF
tskew= Tp(CLK.h
CLK.h
Tp(CLK.h
CLK
CLK
CLK
-
-
-
B)
B
B)
- Tp(Datx.h
Dat.h
Tp(Datx.h
Datx
Dat
Datx
-
x-
-
B)
B
B)
MiniSD card
CPU
EMIF06-SD02F3
CLK-B
15pF
CLK.h
= « 1 »
15pF
MiniSD card
CPU
EMIF06-SD03F3
CLK-B
Dat-B
15pF
15pF
DAT.dir = « 1 »
CLK.f
DAT.h
15pF
15pF
0V
0V
0V
0V
VccB
VccB
VccA
VccA
50%
50%
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com