Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-SD03F3 Datasheet(PDF) 15 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 11Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 12Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 13Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 14Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 15Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 16Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 17Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 18Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
EMIF06-SD03F3
Low drop out voltage regulator
Doc ID 15194 Rev 2
15/23
Table 12.
Static parameters, VEN = VccA unless otherwise specified
(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vout
Regulated output
voltage (VccB)
Vbat = 3.4 V, Iout = 100 mA, Tj = 25 °C
2.81
(-3%)
2.90
2.99
(+3%)
V
Vbat = 3.4 V, Iout = 100 mA,
Tj = -30 to 125 °C
2.81
(-3%)
-
2.99
(+3%)
V
Vbat = 3.1 to 5 V, Iout = 0.1 to 200 mA,
Tj = -30 to 125 °C
2.75
(-5%)
-
3.05
(+5%)
V
LiR
Line regulation
Vbat = 3.4 to 5 V (Section 5.1),
Iout = 100 mA, Tj = 25 °C
-3
20
mV
LdR
Load regulation
Vbat = 3.4 V, Iout = 1 to 200 mA
(Section 5.2), Tj = 25 °C
-50
100
mV
VDO
Dropout voltage
Vout(nom) - 100 mV
(Section 5.3),
Tj = -30 to 85 °C
Iout = 50 mA
-
25
37
mV
Iout = 100 mA
-
50
75
mV
Iout = 200 mA
-
100
150
mV
ISC
Short circuit current
limitation
Vbat = 5 V, Vout = 0 V, Tj = 25 °C
-
500
-
mA
TSD
Thermal shutdown
temperature
Vbat = 3.4 V
Shutdown
(Temp
↑)
-
150
-
°C
Reset
(Temp
↓)
-
130
-
°C
Hysteresis
-
20
-
°C
UVLO
Under voltage lockout
Tj = -30 to 125 °C
Shutdown
(Vbat ↓)
2.3
2.5
2.7
V
Reset
(Vbat ↑)
2.35
2.55
2.75
V
Hysteresis
-
50
-
mV
1.
Level shifter disactivated, *.dir = 0, CLK.h = VccA , all other pins floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com