Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-SD03F3 Datasheet(PDF) 18 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 14Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 15Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 16Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 17Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 18Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 19Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 20Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 21Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Low drop out voltage regulator
EMIF06-SD03F3
18/23
Doc ID 15194 Rev 2
5.2
Load regulation and transient load regulation
The load regulation (LdR) is a static variable that indicates the change in output voltage of
the voltage controllor
ΔVout (at constant input voltage) in the event of a change in the load
current
ΔIout. By contrast the load transient response (LdTr) represents the dynamic peak
value to be observed during load variation.
Thermal effects due to changes in the junction temperature are circumvented by testing with
pulsed load and are to be taken into account separately.
The figure shows the boundary conditions for trise, tfall, and ΔIout to be taken as the basis for
the measurement of the load transient response.
Figure 14.
Load regulation and transient load regulation
Time
trise = ttr
tfall = ttr
Vrise
LdR
Time
Vfall
Static and dynamic load regulation
IoutL
IoutH
Load Regulation: LdR=f(IoutH,IoutL)
Load Transient:
LdTr = MAX( Vrise, Vfall) –LdR(IoutH,IoutL)
Iout
Vout
X: 50µs/div
Y: 50mA/div
X: 50µs/div
Y: 10mV/div
Iout
Vccb
Transient load regulation measurement
(typical values at 25° C)
Temperature ( °c)
0
10
20
30
40
50
60
-10
25
85
LdR (mV)
LdTr (mV)
Load regulation (LdR) and Load transient (LdTr)
versus temperature (typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com