Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-SD03F3 Datasheet(PDF) 17 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 13Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 14Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 15Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 16Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 17Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 18Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 19Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 20Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
EMIF06-SD03F3
Low drop out voltage regulator
Doc ID 15194 Rev 2
17/23
5.1
Line regulation and transient line regulation
The line regulation (LiR) is a static variable that indicates the change in the output voltage of
the voltage controller
ΔVout (at constant load) when there is a change ΔVbat at the input
voltage. By contrast the line transient response (LiTr) represents dynamic peak value to be
observed during the change in input voltage
Thermal effects due to changes in the junction temperature are circumvented with pulsed
voltage during the test and are to be taken into account separately.
The figure shows the boundary conditions for trise, tfall, and ΔVbat to be taken as the basis of
the measurement of the line transient response without additional decoupling of the supply
voltage by a buffer capacity Cbat. The values defined in the specification apply, however,
only in the case of decoupling of the supply voltage with such a capacity Cbat, as a result of
which the values for trise and tfall are influenced to some extent.
Figure 13.
Line regulation and transient line regulation
Time
tfall = ttr
trise = ttr
Vrise
LiR
Time
Line Regulation: LiR=f(VbatH,VbatL)
Line Transient:
LiTr = MAX(
Vfall
Static and dynamic line regulation
VbatL
VbatH
Vbat
Vout
Vrise, Vfall) –LiR(VbatH,VbatL)
4V
3.4 V
Vbat
X: 0.2 ms/div
Y: 100 mV/div
X: 0.2 ms/div
Y: 4 mV/div
Vout
Transient line regulation measurement
Typcial values at 25° C
Temperature ( °c)
0
1
2
3
4
5
-10
25
85
LiR (mV)
LiTr (mV)
Line regulation (LiR) and Line transient (LiTr)
versus temperature (typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com