Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMIF06-SD03F3 Datasheet(PDF) 13 Page - STMicroelectronics

Part # EMIF06-SD03F3
Description  6-line IPAD?? EMI filter and ESD protection for SD card
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-SD03F3 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button EMIF06-SD03F3 Datasheet HTML 9Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 10Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 11Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 12Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 13Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 14Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 15Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 16Page - STMicroelectronics EMIF06-SD03F3 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
EMIF06-SD03F3
Data transmission
Doc ID 15194 Rev 2
13/23
4.4
Measurement of tskew.f (read mode) from rising edge CLK.h
Figure 11.
Example of measurement of tskew.f for read mode from rising edge of CLK.h
Datx.h = Dat0.h, Dat1.h, Dat2.h, Dat3.h, CMD.h
Datx-B = Dat0-B, Dat1-B, Dat2-B, Dat3-B, CMD.B
CPU
EMIF06-SD03F3
t
skew.f = Tp (
Tp (
CLK.h
CLK.h
CLK.
CLK.
CLK.
CLK.
f
f
h
f
)
)
–[ Tp(CLK.h
CLK -B) + Tp(Datx-B Datx.h)]
5pF
CLK-B
Dat-B
15pF
CLK.h
DAT.dir = « 0 »
CLK.f
delay
DAT.h
5pF
MiniSD card
Tp(CLK.h
CLK
CLK
-
-
B
B)
0V
0V
VccB
VccA
VccA
50%
50%
50%
Datx-B
Tp(Datx-B
Datx
Datx
.h
.h)
0V
0V
0V
VccA
VccB
50%
50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com