Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82220 Datasheet(PDF) 12 Page - Sony Corporation

Part # CXP-82220
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82220 Datasheet(HTML) 12 Page - Sony Corporation

Back Button CXP-82220 Datasheet HTML 8Page - Sony Corporation CXP-82220 Datasheet HTML 9Page - Sony Corporation CXP-82220 Datasheet HTML 10Page - Sony Corporation CXP-82220 Datasheet HTML 11Page - Sony Corporation CXP-82220 Datasheet HTML 12Page - Sony Corporation CXP-82220 Datasheet HTML 13Page - Sony Corporation CXP-82220 Datasheet HTML 14Page - Sony Corporation CXP-82220 Datasheet HTML 15Page - Sony Corporation CXP-82220 Datasheet HTML 16Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
– 12 –
CXP82220/82224
High level input voltage
Low level input voltage
Operating temperature
Supply voltage
5.5
5.5
5.5
5.5
VDD
VDD
VDD + 0.3
0.3VDD
0.2VDD
0.4
+75
V
V
V
V
V
V
°C
V
Item
Symbol
Min.
Max.
Unit
Remarks
4.5
3.5
2.7
2.5
0.7VDD
0.8VDD
VDD – 0.4
0
0
–0.3
–20
VIH
VIHS
VIHEX
VIL
VILS
VILEX
Topr
High-speed mode
Guaranteed operation range
Low-speed mode
Guaranteed operation range
Guaranteed operation range with TEX clock
Guaranteed data hold range during stop
∗1
Hysteresis input∗2
EXTAL∗3
∗1
Hysteresis input∗2
EXTAL∗3
VDD
∗1 Value for each pin of normal input ports (PA, PB3, PB4, PB6, PC, PG, PH).
∗2 Value of the following pins: RST, CINT, CS0, SCK0, SCK1, EC0/INT0, EC1/INT1, INT2, INT3/NMI, RMC, CTL.
∗3 Specifies only during external clock input.
Recommended Operating Conditions
(Vss = 0V reference)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com