Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82220 Datasheet(PDF) 14 Page - Sony Corporation

Part # CXP-82220
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82220 Datasheet(HTML) 14 Page - Sony Corporation

Back Button CXP-82220 Datasheet HTML 10Page - Sony Corporation CXP-82220 Datasheet HTML 11Page - Sony Corporation CXP-82220 Datasheet HTML 12Page - Sony Corporation CXP-82220 Datasheet HTML 13Page - Sony Corporation CXP-82220 Datasheet HTML 14Page - Sony Corporation CXP-82220 Datasheet HTML 15Page - Sony Corporation CXP-82220 Datasheet HTML 16Page - Sony Corporation CXP-82220 Datasheet HTML 17Page - Sony Corporation CXP-82220 Datasheet HTML 18Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
– 14 –
CXP82220/82224
∗1 tsys indicates the three values below according to the upper two bits (CPU clock selection) of the clock
control register (address: 00FEH).
tsys [ns] = 2000/fc (upper two bits = "00"), 4000/fc (upper two bits = "01"), 16000/fc (upper two bits = "11")
EXTAL
tXH
tXL
tCF
tCR
0.4V
VDD – 0.4V
1/fc
External clock
EXTAL
XTAL
74HC04
Crystal oscillation
Ceramic oscillation
EXTAL
XTAL
C1
C2
32kHz clock applied condition
Crystal oscillation
TEX
TX
C1
C2
AC Characteristics
(1) Clock timing
System clock frequency
System clock input pulse width
System clock input rise time,
fall time
Event count input clock
pulse width
Event count input clock
rise time, fall time
System clock frequency
Event count input clock input
pulse width
Event count input clock rise
time,fall time
fC
tXL,
tXH
tCR,
tCF
tEH,
tEL
tER,
tEF
fC
tTL,
tTH
tTR,
tTF
XTAL
EXTAL
EXTAL
EXTAL
EC0
EC1
EC0
EC1
TEX
TX
TEX
TEX
MHz
ns
ns
ns
ms
kHz
µs
ms
Item
Symbol
Pins
Conditions
Unit
Fig. 1, Fig. 2
Fig. 1, Fig. 2
External clock drive
Fig. 1, Fig. 2
External clock drive
Fig. 3
Fig. 3
VDD = 2.7 to 5.5V
Fig. 2 (32kHz clock
applied condition)
Fig. 3
Fig. 3
Typ.
32.768
Min.
1
37.5
tsys + 50∗1
10
Max.
10
200
20
20
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
Fig. 1. Clock timing
Fig. 2. Clock applied conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com