Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82220 Datasheet(PDF) 19 Page - Sony Corporation

Part # CXP-82220
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82220 Datasheet(HTML) 19 Page - Sony Corporation

Back Button CXP-82220 Datasheet HTML 13Page - Sony Corporation CXP-82220 Datasheet HTML 14Page - Sony Corporation CXP-82220 Datasheet HTML 15Page - Sony Corporation CXP-82220 Datasheet HTML 16Page - Sony Corporation CXP-82220 Datasheet HTML 17Page - Sony Corporation CXP-82220 Datasheet HTML 18Page - Sony Corporation CXP-82220 Datasheet HTML 19Page - Sony Corporation CXP-82220 Datasheet HTML 20Page - Sony Corporation CXP-82220 Datasheet HTML 21Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
– 19 –
CXP82220/82224
External interruption
High, Low level width
Reset input Low level width
INT0
INT1
INT2
NMI/INT3
RST
1
8/fc
µs
µs
Item
Symbol
Pins
Condition
Min.
Max.
Unit
tIH
tIL
tRSL
(4) Interruption, reset input
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss = 0V reference)
0.8VDD
0.2VDD
tIH
tIL
INT0
INT1
INT2
NMI/INT3
(NMI specifies only for
the falling edge)
tIL
tIH
Fig. 7. Interruption input timing
tRSL
0.2VDD
RST
Fig. 8. RST input timing
0.2VDD
0.8VDD
tCTH
tCTL
CTL
Fig. 9. Other timing
CLK input
High, Low level width
tCTH,
tCTL
CTL
Item
Symbol
Pin
Condition
Min.
Max.
Unit
ns
(5) Others
(Ta = –20 to +75°C, VDD = 4.5 to 5.0V, VSS = 0V reference)
tsys = 2000/fc
tsys + 200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com