Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82220 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP-82220
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82220 Datasheet(HTML) 5 Page - Sony Corporation

  CXP-82220 Datasheet HTML 1Page - Sony Corporation CXP-82220 Datasheet HTML 2Page - Sony Corporation CXP-82220 Datasheet HTML 3Page - Sony Corporation CXP-82220 Datasheet HTML 4Page - Sony Corporation CXP-82220 Datasheet HTML 5Page - Sony Corporation CXP-82220 Datasheet HTML 6Page - Sony Corporation CXP-82220 Datasheet HTML 7Page - Sony Corporation CXP-82220 Datasheet HTML 8Page - Sony Corporation CXP-82220 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
– 5 –
CXP82220/82224
(Port H)
8-bit I/O port. I/O can be set in a unit of single bit.
(8 pins)
(Port I)
8-bit output ports.
FDP segment signal outputs.
(8 bits)
Outputs for FDP timing (digit) signals/segment signals.
FDP timing signal outputs.
FDP voltage supply when incorporated resistor is set by mask option.
Crystal connectors for system clock oscillation. When the clock is supplied
externally, input to EXTAL; opposite phase clock should be input to XTAL.
Crystal connectors for 32kHz timer/counter clock oscillation. Set 32kHz
crystal oscillator between TEX and TX. For usage as event input, attach
clock source to TEX, and open TX.
Low-level active, system reset.
NC.
Under normal operation, connect to VDD.
Reference voltage input for A/D converter.
A/D converter GND.
Positive power supply.
GND.
Symbol
I/O
Functions
PH0 to PH7
PI0/S16
to
PI7/S23
T8/S31
to
T15/S24
T0 to T7
VFDP
EXTAL
XTAL
TEX
TX
RST
NC
AVREF
AVSS
VDD
VSS
I/O
Output/Output
Output/Output
Output
Input
Output
Input
Output
Input
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com