Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82220 Datasheet(PDF) 15 Page - Sony Corporation

Part # CXP-82220
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82220 Datasheet(HTML) 15 Page - Sony Corporation

Back Button CXP-82220 Datasheet HTML 11Page - Sony Corporation CXP-82220 Datasheet HTML 12Page - Sony Corporation CXP-82220 Datasheet HTML 13Page - Sony Corporation CXP-82220 Datasheet HTML 14Page - Sony Corporation CXP-82220 Datasheet HTML 15Page - Sony Corporation CXP-82220 Datasheet HTML 16Page - Sony Corporation CXP-82220 Datasheet HTML 17Page - Sony Corporation CXP-82220 Datasheet HTML 18Page - Sony Corporation CXP-82220 Datasheet HTML 19Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
– 15 –
CXP82220/82224
Input mode
Output mode
Input mode
Output mode
SCK0 input mode
SCK0 output mode
SCK0 input mode
SCK0 output mode
SCK0 input mode
SCK0 output mode
Chip select transfer mode
(SCK0 = output mode)
Chip select transfer mode
(SCK0 = output mode)
Chip select transfer mode
Chip select transfer mode
Chip select transfer mode
Note 1)
tsys indicates the three values below according to the upper two bits (CPU clock selection) of the
clock control register (address: 00FEH).
tsys [ns] = 2000/fc (upper two bits = "00"), 4000/fc (upper two bits = "01"), 16000/fc (upper two bits
= "11")
Note 2) The load condition for the SCK0 output mode, SO0 output delay time is 50pF + 1TTL.
(2) Serial transfer (CH0)
(Ta = –20 to +75°C, VDD = 4.5 to 5.5V, Vss=0V reference)
Item
CS0
↓ → SCK0
delay time
CS0
↑ → SCK0
float delay time
CS0
↓ → SO0
delay time
CS0
↑ → SO0
float delay time
CS0 High level width
SCK0
cycle time
SCK0
High, Low level width
SI0 input setup time
(for SCK0
↑)
SI0 input hold time
(for SCK0
↑)
SCK0
↓ → SO0
delay time
tDCSK
tDCSKF
tDCSO
tDCSOF
tWHCS
tKCY
tKH,
tKL
tSIK
tKSI
tKSO
SCK0
SCK0
SO0
SO0
CS0
SCK0
SCK0
SI0
SI0
SO0
ns
ns
ns
ns
ns
Symbol
Pin
Min.
tsys + 200
tsys + 200
tsys + 200
tsys + 200
tsys + 200
2
tsys + 200
16000/fc
tsys + 100
8000/fc – 50
100
200
tsys + 200
100
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tsys + 200
100
Max.
Unit
Condition
TEX
EC0
EC1
tEH
tEL
tEF
tER
0.2VDD
0.8VDD
tTH
tTL
tTF
tTR
Fig. 3. Event count clock timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com