Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82220 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP-82220
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82220 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP-82220 Datasheet HTML 6Page - Sony Corporation CXP-82220 Datasheet HTML 7Page - Sony Corporation CXP-82220 Datasheet HTML 8Page - Sony Corporation CXP-82220 Datasheet HTML 9Page - Sony Corporation CXP-82220 Datasheet HTML 10Page - Sony Corporation CXP-82220 Datasheet HTML 11Page - Sony Corporation CXP-82220 Datasheet HTML 12Page - Sony Corporation CXP-82220 Datasheet HTML 13Page - Sony Corporation CXP-82220 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
– 10 –
CXP82220/82224
2 pins
Oscillation
TEX
TX
IP
IP
TEX
TX
• When the operation of the oscillation
circuit is stopped by the software,
the feedback resistor is removed,
and TEX and TX become "Low" level
and "High" level respectively.
• Diagram shows circuit
composition during
oscillation.
1 pin
Low level
RST
Mask option
IP
Schmitt input
Pull-up resistor
OP
When reset
Pin
Circuit format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com