Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-82220 Datasheet(PDF) 13 Page - Sony Corporation

Part # CXP-82220
Description  CMOS 8-bit Single Chip Microcomputer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-82220 Datasheet(HTML) 13 Page - Sony Corporation

Back Button CXP-82220 Datasheet HTML 9Page - Sony Corporation CXP-82220 Datasheet HTML 10Page - Sony Corporation CXP-82220 Datasheet HTML 11Page - Sony Corporation CXP-82220 Datasheet HTML 12Page - Sony Corporation CXP-82220 Datasheet HTML 13Page - Sony Corporation CXP-82220 Datasheet HTML 14Page - Sony Corporation CXP-82220 Datasheet HTML 15Page - Sony Corporation CXP-82220 Datasheet HTML 16Page - Sony Corporation CXP-82220 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
– 13 –
CXP82220/82224
VDD = 4.5V, IOH = –0.5mA
VDD = 4.5V, IOH = –1.2mA
VDD = 4.5V, IOL = 1.8mA
VDD = 4.5V, IOL = 3.6mA
VDD = 4.5V, IOL = 12.0mA
VDD = 5.5V, VIH = 5.5V
VDD = 5.5V, VIL = 0.4V
VDD = 5.5V, VIH = 5.5V
High level
output voltage
4.0
3.5
0.5
–0.5
0.1
–0.1
–1.5
–8
–20
60
V
V
V
V
V
µA
µA
µA
µA
µA
mA
mA
µA
k
Ω
µA
mA
µA
mA
µA
µA
pF
PC
EXTAL
TEX
RST∗1
Item
Symbol
Pins
Conditions
Min.
VDD
IDD1
IOH
ILOL
IDD2
IDDS1
IDDS2
IDDS3
CIN
VOH
VOL
IIHE
IILE
IIHT
IILT
IILR
Low level
output voltage
Input current
Typ.
0.4
0.6
1.5
40
–40
10
–10
–400
–20
270
±10
40
100
8
30
10
20
Max. Unit
DC Characteristics
Electrical Characteristics
(Ta = –20 to +75°C, Vss = 0V reference)
VDD = 5.5V, 10MHz crystal
oscillation (C1 = C2 = 15pF)
VDD = 3V, 32kHz crystal
oscillation (C1 = C2 = 47pF)
VDD = 5.5V, 10MHz crystal
oscillation (C1 = C2 = 15pF)
VDD = 3V, 32kHz crystal
oscillation (C1 = C2 = 47pF)
Supply current∗3
Input capacity
VDD = 5.5V,
VIL = 0.4V
VDD = 4.5V,
VOH = VDD – 2.5V
VDD = 5.5V
VOL = VDD – 35V
VFDP = VDD – 35V
High-speed mode operation
(1/2 frequency demultiplier clock)
Stop mode
VDD = 5.5V, termination of 10MHz and
32kHz crystal oscillation
Clock 1MHz
0V for all pins excluding
measured pins
Display output
current
IIZ
I/O leakage current
Open drain output
leakage current
(P-CH Tr in off state)
S0 to S23
S24/T15 to S31/T8
T0 to T7
S0 to S23
S24/T15 to S31/T8
T0 to T7
RL
VDD = 5V
VFDP = VDD – 35V
VDD = 5.5V
VI = 0, 5.5V
Pull-down
resistance∗2
S0 to S23
S24/T15 to S31/T8
T0 to T7
PA to PC, PE, PG,
PH, RST∗1
100
20
35
1.2
9
10
PA, PB, PC,PE6,
PE7, PG, PH
Pins other than
S0 to S31, T0 to T7,
PB7, PE6,PE7,AVREF,
AVSS, VFDP, VDD, VSS
Sleep mode
∗1 RST specifies the input current when pull-up resistance has been selected; leakage current when no
resisance has been selected.
∗2 When incorporated pull-down resistance has been selected through mask option.
∗3 When all pins are open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com