Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8088EXG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 7Page - STMicroelectronics STA8088EXG Datasheet HTML 8Page - STMicroelectronics STA8088EXG Datasheet HTML 9Page - STMicroelectronics STA8088EXG Datasheet HTML 10Page - STMicroelectronics STA8088EXG Datasheet HTML 11Page - STMicroelectronics STA8088EXG Datasheet HTML 12Page - STMicroelectronics STA8088EXG Datasheet HTML 13Page - STMicroelectronics STA8088EXG Datasheet HTML 14Page - STMicroelectronics STA8088EXG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
STA8088EXG
Pin description
Doc ID 022725 Rev. 2
11/24
2.6
FSMC external memory interface pins
2.7
SQI pins
Table 6.
FSMC memory interface pins
Symbol
I/O Voltage
I/O
Functions
TFBGA169
FSMC_Data[15:0]
VDD_IOR3
I/O
FSMC EMI data bus
C13, E10, B10,
E11, A12, A11,
G10, F10, A10,
D11, C10, G9, C9,
H10, B9, A9
FSMC_Add[23:0](1)(2)
VDD_IOR3
O
FSMC EMI address bus
F7, C7, D7, F6,
E6, F5, B7, E7,
F8, A7, B8, D8,
F9, E9, C8, H9,
A8, E8, A6, B6,
C6, D6, A5, B5
FSMC _OutEN
VDD_IOR3
O
FSMC EMI output enable
E5
FSMC _WEN
VDD_IOR3
O
FSMC EMI write enable
D5
FSMC _WTn
VDD_IOR3
I
FSMC EMI wait (SNOR, CRAM)
C5
FSMC _BLn[0,1]
VDD_IOR3
O
FSMC EMI byte lane
B13, B12
FSMC _CLK
VDD_IOR3
O
FSMC EMI clk
D9
FSMC _ADV
VDD_IOR3
O
FSMC EMI address valid
D10
FSMC _CS0
VDD_IOR3
O
FSMC EMI chip select for external memory
bank 0
D13
FSMC _CS1
VDD_IOR3
O
FSMC EMI chip select for external memory
bank 1
D12
FSMC _CS2
VDD_IOR3
O
FSMC EMI chip select for external memory
bank 2
C11
FSMC _CS3/
iopwrsel_r3
VDD_IOR3
O
FSMC EMI chip select for external memory
bank 3 / I/O ring 3 power selection
C12
1.
FSMC_Add[23:0] are multiplexed with P1[31:8] - see Table 9
2.
In case of NAND memory usage the
FSMC_Add16 is used as CLE
FSMC_Add17 is used as ALE
Table 7.
SQI pins
Symbol
I/O Voltage
I/O
Functions
TFBGA169
SQI_SIO3
VDD_IOR4
I/O
SQI Flash data I/O 3
N10
SQI_SIO2
VDD_IOR4
I/O
SQI Flash data I/O 2
L10
SQI_SIO1/SO
VDD_IOR4
I/O
SQI Flash data I/O 1 / ser. O
M10
SQI_SIO0/SI
VDD_IOR4
I/O
SQI Flash data I/O 0 / ser. I
N11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com