Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8088EXG Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 8Page - STMicroelectronics STA8088EXG Datasheet HTML 9Page - STMicroelectronics STA8088EXG Datasheet HTML 10Page - STMicroelectronics STA8088EXG Datasheet HTML 11Page - STMicroelectronics STA8088EXG Datasheet HTML 12Page - STMicroelectronics STA8088EXG Datasheet HTML 13Page - STMicroelectronics STA8088EXG Datasheet HTML 14Page - STMicroelectronics STA8088EXG Datasheet HTML 15Page - STMicroelectronics STA8088EXG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Pin description
STA8088EXG
12/24
Doc ID 022725 Rev. 2
SQI pins are multiplexed with P0[13:10] and P0[19] (see Table 8).
2.8
Port 0 pins
Port 0 consists of a 32-bit bidirectional I/O port. It can be either used as general purpose
input or output port, or configured according to the associated alternate functions.
SQI_SCK
VDD_IOR4
O
SQI Flash clock
L11
SQI_CEn/
iopwrsel_r4
VDD_IOR4
O
SQI Flash chip enable / I/O ring 4 power selection
M11
Table 7.
SQI pins (continued)
Symbol
I/O Voltage
I/O
Functions
TFBGA169
Table 8.
Port 0 pins
Symbol
I/O voltage
I/O
Mode
Functions
TFBGA169
P0.0
VDD_IOR1
I/O
Default
GPIO.0: general purpose I/O
J13
I
A
PPS_IN: pulse per second input
O
B
PPS_Out: pulse per second output
O
C
SQI_CEn: SQI Flash chip enable
P0.1
VDD_IOR1
I/O
Default
GPIO.1: general purpose I/O
F12
O
A
RTC_CLKO: RTC clock out
P0.2
VDD_IOR1
I/O
Default
GPIO.2: general purpose I/O
E12
O
A
MMC2_CLK: MMC 2 clock line
P0.3
VDD_IOR1
I/O
Default
GPIO.3: general purpose I/O
H12
I/O
A
MMC2_CMD: MMC 2 command line
P0.4
VDD_IOR1
I/O
Default
GPIO.4: general purpose I/O
F13
I/O
A
MMC2_DATA3: MMC 2 data 3
P0.5
VDD_IOR1
I/O
Default
GPIO.5: general purpose I/O
E13
I/O
A
MMC2_DATA2: MMC 2 data 2
P0.6
VDD_IOR1
I/O
Default
GPIO.6: general purpose I/O
H13
I/O
A
MMC2_DATA1: MMC 2 data 1
P0.7
VDD_IOR1
I/O
Default
GPIO.7: general purpose I/O
G13
I/O
A
MMC2_DATA0: MMC 2 data 0
P0.8
VDD_IOR5
O
Default
CAN1TX(1): CAN 1 transmit data output
B2
I/O
A
GPIO.8: general purpose I/O
I/O
B
I2C_SD: I2C serial data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com