Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8088EXG Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 12Page - STMicroelectronics STA8088EXG Datasheet HTML 13Page - STMicroelectronics STA8088EXG Datasheet HTML 14Page - STMicroelectronics STA8088EXG Datasheet HTML 15Page - STMicroelectronics STA8088EXG Datasheet HTML 16Page - STMicroelectronics STA8088EXG Datasheet HTML 17Page - STMicroelectronics STA8088EXG Datasheet HTML 18Page - STMicroelectronics STA8088EXG Datasheet HTML 19Page - STMicroelectronics STA8088EXG Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Pin description
STA8088EXG
16/24
Doc ID 022725 Rev. 2
P1.9
VDD_IOR3
O
Default FSMC_Add1: FSMC EMI address bus 1
C7
I/O
A
GPIO41: general purpose I/O
P1.10
VDD_IOR3
O
Default FSMC_Add2: FSMC EMI address bus 2
D7
I/O
A
GPIO42: general purpose I/O
P1.11
VDD_IOR3
O
Default FSMC_Add3: FSMC EMI address bus 3
F6
I/O
A
GPIO43: general purpose I/O
P1.12
VDD_IOR3
O
Default FSMC_Add4: FSMC EMI address bus 4
E6
I/O
A
GPIO44: general purpose I/O
P1.13
VDD_IOR3
O
Default FSMC_Add5: FSMC EMI address bus 5
F5
I/O
A
GPIO45: general purpose I/O
P1.14
VDD_IOR3
O
Default FSMC_Add6: FSMC EMI address bus 6
B7
I/O
A
GPIO46: general purpose I/O
P1.15
VDD_IOR3
O
Default FSMC_Add7: FSMC EMI address bus 7
E7
I/O
A
GPIO47: general purpose I/O
P1.16
VDD_IOR3
O
Default FSMC_Add8: FSMC EMI address bus 8
F8
I/O
A
GPIO48: general purpose I/O
P1.17
VDD_IOR3
O
Default FSMC_Add9: FSMC EMI address bus 9
A7
I/O
A
GPIO49: general purpose I/O
P1.18
VDD_IOR3
O
Default FSMC_Add10: FSMC EMI address bus 10
B8
I/O
A
GPIO50: general purpose I/O
P1.19
VDD_IOR3
O
Default FSMC_Add11: FSMC EMI address bus 11
D8
I/O
A
GPIO51: general purpose I/O
P1.20
VDD_IOR3
O
Default FSMC_Add12: FSMC EMI address bus 12
F9
I/O
A
GPIO52: general purpose I/O
P1.21
VDD_IOR3
O
Default FSMC_Add13: FSMC EMI address bus 13
E9
I/O
A
GPIO53: general purpose I/O
P1.22
VDD_IOR3
O
Default FSMC_Add14: FSMC EMI address bus 14
C8
I/O
A
GPIO54: general purpose I/O
P1.23
VDD_IOR3
O
Default FSMC_Add15: FSMC EMI address bus 15
H9
OA
TCXO_CLK
P1.24
VDD_IOR3
ODefault
FSMC_Add16/CLE: FSMC EMI address bus
16/CLE
A8
I/O
A
GPIO56: general purpose I/O
Table 9.
Port 1 pins (continued)
Symbol
I/O Voltage
I/O
Mode
Functions
TFBGA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com