Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8088EXG Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 10Page - STMicroelectronics STA8088EXG Datasheet HTML 11Page - STMicroelectronics STA8088EXG Datasheet HTML 12Page - STMicroelectronics STA8088EXG Datasheet HTML 13Page - STMicroelectronics STA8088EXG Datasheet HTML 14Page - STMicroelectronics STA8088EXG Datasheet HTML 15Page - STMicroelectronics STA8088EXG Datasheet HTML 16Page - STMicroelectronics STA8088EXG Datasheet HTML 17Page - STMicroelectronics STA8088EXG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Pin description
STA8088EXG
14/24
Doc ID 022725 Rev. 2
P0.20
VDD_IOR2
I/O
Default
MMC_DATA0: multimedia card data 0
E1
I/O
A
GPIO20: general purpose I/O
O
B
MAG_0GNS: GNS 3bit coding output (MAG0)
P0.21
VDD_IOR2
I/O
Default
MMC_DATA1: multimedia card data 1
E2
I/O
A
GPIO21: general purpose I/O
O
B
MAG_1GNS: GNS 3bit coding output (MAG1)
P0.22
VDD_IOR2
I/O
Default
MMC_DATA2: multimedia card data 2
E3
I/O
A
GPIO22: general purpose I/O
I/O
B
MAG_0GGPS: GGPS 3bit coding output (MAG0)
P0.23
VDD_IOR2
I/O
Default
MMC_DATA3: multimedia card data 3
E4
I/O
A
GPIO23: general purpose I/O
I/O
B
MAG_1GGPS: GGPS 3bit coding output (MAG1)
P0.24
VDD_IOR2
I/O
Default
MMC_DATA4: multimedia card data 4
F1
I/O
A
GPIO24: general purpose I/O
P0.25
VDD_IOR2
I/O
Default
MMC_DATA5: multimedia card data 5
F2
I/O
A
GPIO25: general purpose I/O
P0.26
VDD_IOR2
I/O
Default
MMC_DATA6: multimedia card data 6
F3
I/O
A
GPIO26: general purpose I/O
P0.27
VDD_IOR2
I/O
Default
MMC_DATA7: multimedia card data 7
F4
I/O
A
GPIO27: general purpose I/O
P0.28
VDD_IOR2
I/O
Default
MMC_CMD: multimedia card command line
D2
I/O
A
GPIO28: general purpose I/O
P0.29
VDD_IOR2
ODefault
MSPout_SDATA/iopwrsel_r2: MSP serial data output/
I/O ring 2 power selection
C3
I/O
A
GPIO29: general purpose I/O
P0.30
VDD_IOR2
O
Default
MSPout_LRCLK MSP left/right clock output
C2
I/O
A
GPIO30: general purpose I/O
P0.31
VDD_IOR2
O
Default
MSPout_SCLK: MSP serial clock output
C1
I/O
A
GPIO31: general purpose I/O
O
B
PRNSEQ0
1.
Only for Automotive Grade devices.
Table 8.
Port 0 pins (continued)
Symbol
I/O voltage
I/O
Mode
Functions
TFBGA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com