Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8088EXG Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 16Page - STMicroelectronics STA8088EXG Datasheet HTML 17Page - STMicroelectronics STA8088EXG Datasheet HTML 18Page - STMicroelectronics STA8088EXG Datasheet HTML 19Page - STMicroelectronics STA8088EXG Datasheet HTML 20Page - STMicroelectronics STA8088EXG Datasheet HTML 21Page - STMicroelectronics STA8088EXG Datasheet HTML 22Page - STMicroelectronics STA8088EXG Datasheet HTML 23Page - STMicroelectronics STA8088EXG Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package and packing information
STA8088EXG
20/24
Doc ID 022725 Rev. 2
3.3
TFBGA169 12 x 12 x 1.2 mm package information
Table 12.
TFBGA169 12 x 12 x 1.2 mm mechanical data
Ref. dim
Data book (mm)
Drawing (mm)
Min.
Typ.
Max.
Min.
Typ.
Max.
A(1)
1.
TFBGA stands for Thin Profile Fine Pitch Ball Grid Array.
– Thin profile: 1.00mm < A . 1.20mm / Fine pitch: e < 1.00mm.
– The total profile height (Dim A) is measured from the seating plane gCh to the top of the component.
– The maximum total package height is calculated by the RSS method (Root Sum Square):
A Max = A1 Typ + A2 Typ + A4 Typ + ã (A12 + A22 + A42 tolerance values).
1.20
1.15
A1(2)
2.
– The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metallized
markings, or other feature of package body or integral heat slug.
– A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1
corner. Exact shape of each corner is optional.
0.21
0.25
0.30
0.35
A2
0.20
0.16
0.20
0.24
A4
0.60
0.57
0.585
0.60
b(3)
3.
The typical ball diameter before mounting is 0.40 mm.
0.35
0.40
0.45
0.35
0.40
0.45
D
11.85
12.00
11.85
11.90
12.00
12.10
D1
9.60
9.60
E
11.85
12.00
11.85
11.90
12.00
12.10
E1
9.60
9.60
e
0.80
0.80
Z
1.20
1.20
ddd
0.10
0.10
eee(4)
4.
The tolerance of position that controls the location of the pattern of balls with respect to datums A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located on true
position with respect to datums A and B as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone.
0.15
0.15
fff(5)
5.
The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone. Each
tolerance zone fff in the array is contained entirely in the respective zone eee above The axis of each ball
must lie simultaneously in both tolerance zones.
0.08
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com