Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8088EXG Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 13Page - STMicroelectronics STA8088EXG Datasheet HTML 14Page - STMicroelectronics STA8088EXG Datasheet HTML 15Page - STMicroelectronics STA8088EXG Datasheet HTML 16Page - STMicroelectronics STA8088EXG Datasheet HTML 17Page - STMicroelectronics STA8088EXG Datasheet HTML 18Page - STMicroelectronics STA8088EXG Datasheet HTML 19Page - STMicroelectronics STA8088EXG Datasheet HTML 20Page - STMicroelectronics STA8088EXG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
STA8088EXG
Pin description
Doc ID 022725 Rev. 2
17/24
2.10
RF front-end pins
P1.25
VDD_IOR3
ODefault
FSMC_Add17/ALE: FSMC EMI address bus
17/ALE
E8
I/O
A
GPIO57: general purpose I/O
P1.26
VDD_IOR3
O
Default FSMC_Add18: FSMC EMI address bus 18
A6
I/O
A
GPIO58: general purpose I/O
P1.27
VDD_IOR3
O
Default FSMC_Add19: FSMC EMI address bus19
B6
I/O
A
GPIO59: general purpose I/O
P1.28
VDD_IOR3
O
Default FSMC_Add20: FSMC EMI address bus 20
C6
I/O
A
GPIO60: general purpose I/O
P1.29
VDD_IOR3
O
Default FSMC_Add21: FSMC EMI address bus 21
D6
I/O
A
GPIO61: general purpose I/O
P1.30
VDD_IOR3
O
Default FSMC_Add22: FSMC EMI address bus 22
A5
I/O
A
GPIO62: general purpose I/O
P1.31
VDD_IOR3
O
Default FSMC_Add23: FSMC EMI address bus 23
B5
I/O
A
GPIO63: general purpose I/O
Table 9.
Port 1 pins (continued)
Symbol
I/O Voltage
I/O
Mode
Functions
TFBGA169
Table 10.
RF front-end pins
Symbol
I/O Voltage
I/O
Functions
TFBGA169
LNA_IN
VRF12_LNA
I
Low noise amplifier input
K1
LNA_OUT
VRF12_LNA
O
Low noise amplifier output
M1
RFA_IN
VRF12_RFA
I
RF amplifier input
N4
XTAL_In
VRF12_RFDig
I
Input side of crystal oscillator or TCXO input
N6
XTAL_Out
VRF12_RFDig
O
Output side of crystal oscillator
M6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com