Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8088EXG Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA8088EXG
Description  Flexible GPS/Galileo/Glonass/QZSS receiver with high performance processing (ARM9)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8088EXG Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA8088EXG Datasheet HTML 11Page - STMicroelectronics STA8088EXG Datasheet HTML 12Page - STMicroelectronics STA8088EXG Datasheet HTML 13Page - STMicroelectronics STA8088EXG Datasheet HTML 14Page - STMicroelectronics STA8088EXG Datasheet HTML 15Page - STMicroelectronics STA8088EXG Datasheet HTML 16Page - STMicroelectronics STA8088EXG Datasheet HTML 17Page - STMicroelectronics STA8088EXG Datasheet HTML 18Page - STMicroelectronics STA8088EXG Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
STA8088EXG
Pin description
Doc ID 022725 Rev. 2
15/24
2.9
Port 1 pins
Port 1 consists of a 32-bit bidirectional I/O port. It can be either used as general purpose
input or output port, or configured according to the associated alternate functions.
Table 9.
Port 1 pins
Symbol
I/O Voltage
I/O
Mode
Functions
TFBGA169
P1.0
VDD_IOR1
ODefault
SSP_CSN/iopwrsel_r1: SSP chip select active low
/ I/O ring 1 power selection
J11
I/O
A
GPIO32: general purpose I/O
I/O
B
SignGGPS: GGPS 3bit coding output (Sign)
O
C
SQI_Cen: SQI Flash chip enable
P1.1
VDD_IOR1
I/O
Default SSP_CLK: SSP clock
F11
I/O
A
GPIO33: general purpose I/O
I/O
B
Clock_GGPS: GGPS clock out
O
C
SQI_Clk: SQI Flash clock
P1.2
VDD_IOR1
I
Default SSP_DI: SSP serial data input
H11
I/O
A
GPIO34: general purpose I/O
I/O
B
SignGNS: GNS 3bit coding output (Sign)
I/O
C
SQI_SIO0/SI: SQI Flash data I/O 0 / ser. I
P1.3
VDD_IOR1
O
Default SSP_DO: SSP serial data output
G11
I/O
A
GPIO35: general purpose I/O
I/O
B
Clock_GNS: GNS clock out
I/O
C
SQI_SIO1/SO: SQI Flash data I/O 1 / ser. O
P1.4
VDD_IOR1
I
Default UART2_RX: UART 2 Rx data
K12
I/O
A
GPIO36: general purpose I/O
P1.5
VDD_IOR1
O
Default UART2_TX: UART 2 Tx data / ARM Boot 0
K11
I/O
A
GPIO37: general purpose I/O
P1.6
VDD_IOR1
I
Default UART0_RX: UART 0 Rx data
L13
I/O
A
GPIO38: general purpose I/O
I/O
C
SQI_SIO2: SQI Flash data I/O 2
P1.7
VDD_IOR1
O
Default UART0_TX: UART 0 Tx data / ARM Boot 1
K13
I/O
A
GPIO39: general purpose I/O
I/O
C
SQI_SIO3: SQI Flash data I/O 3
P1.8
VDD_IOR3
O
Default FSMC_Add0: FSMC EMI address bus 0
F7
I/O
A
GPIO40: general purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com