Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 17Page - NXP Semiconductors LPC81XM Datasheet HTML 18Page - NXP Semiconductors LPC81XM Datasheet HTML 19Page - NXP Semiconductors LPC81XM Datasheet HTML 20Page - NXP Semiconductors LPC81XM Datasheet HTML 21Page - NXP Semiconductors LPC81XM Datasheet HTML 22Page - NXP Semiconductors LPC81XM Datasheet HTML 23Page - NXP Semiconductors LPC81XM Datasheet HTML 24Page - NXP Semiconductors LPC81XM Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
21 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
7.19.1 Features
• Selectable 0 mV, 10 mV ( 5 mV), and 20 mV ( 10 mV), 40 mV ( 20 mV) input
hysteresis.
• Two selectable external voltages (VDD or VDDCMP on pin PIO0_6); fully configurable
on either positive or negative input channel.
• Internal voltage reference from band gap and temperature sensor selectable on either
positive or negative input channel.
• 32-stage voltage ladder with the internal reference voltage selectable on either the
positive or the negative input channel.
• Voltage ladder source voltage is selectable from an external pin or the main 3.3 V
supply voltage rail.
• Voltage ladder can be separately powered down for applications only requiring the
comparator function.
• Interrupt output is connected to NVIC.
• Comparator level output is connected to output pin ACMP_O.
• The comparator output can be routed internally to the SCT input through the switch
matrix.
Fig 8.
Comparator block diagram



$&03B,>@
9''
9''&03
LQWHUQDO
YROWDJH
UHIHUHQFH
HGJHGHWHFW
V\QF
FRPSDUDWRU
OHYHO $&03B2
FRPSDUDWRU
HGJH19,&
&203$5$725 $1$/2*%/2&.
&203$5$725',*,7$/ %/2&.
DDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com