Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC81XM Datasheet HTML 1Page - NXP Semiconductors LPC81XM Datasheet HTML 2Page - NXP Semiconductors LPC81XM Datasheet HTML 3Page - NXP Semiconductors LPC81XM Datasheet HTML 4Page - NXP Semiconductors LPC81XM Datasheet HTML 5Page - NXP Semiconductors LPC81XM Datasheet HTML 6Page - NXP Semiconductors LPC81XM Datasheet HTML 7Page - NXP Semiconductors LPC81XM Datasheet HTML 8Page - NXP Semiconductors LPC81XM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
3 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC810M021FN8
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT097-2
LPC811M001FDH16
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
LPC812M101FDH16
TSSOP16
plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
LPC812M101FD20
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
LPC812M101FDH20
TSSOP20
plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
Table 2.
Ordering options
Type number
Flash/kB SRAM/kB USART
I2C
SPI
Comparator
GPIO
Package
LPC810M021FN8
4
1
2
1
1
1
6
DIP8
LPC811M001FDH16
8
2
2
1
1
1
14
TSSOP16
LPC812M101FDH16
16
4
3
1
2
1
14
TSSOP16
LPC812M101FD20
16
4
2
1
1
1
18
SO20
LPC812M101FDH20
16
4
3
1
2
1
18
TSSOP20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com