Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 48 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 44Page - NXP Semiconductors LPC81XM Datasheet HTML 45Page - NXP Semiconductors LPC81XM Datasheet HTML 46Page - NXP Semiconductors LPC81XM Datasheet HTML 47Page - NXP Semiconductors LPC81XM Datasheet HTML 48Page - NXP Semiconductors LPC81XM Datasheet HTML 49Page - NXP Semiconductors LPC81XM Datasheet HTML 50Page - NXP Semiconductors LPC81XM Datasheet HTML 51Page - NXP Semiconductors LPC81XM Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
48 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[1]
Tcy(clk) = <tbd>.
[2]
Tcy(clk) = 12  Tcy(PCLK).
SPI slave (in SPI mode)
Tcy(PCLK)
PCLK cycle time
<tbd>
-
-
ns
tDS
data set-up time
in SPI mode
[2]
<tbd>
-
-
ns
tDH
data hold time
in SPI mode
2.4 V
 V
DD  3.6 V
[2]
<tbd>
-
-
ns
2.0 V
 V
DD < 2.4 V
<tbd>
ns
1.8 V
 V
DD < 2.0 V
<tbd>
-
-
ns
tv(Q)
data output valid time in SPI mode
[2]
--
<tbd>
ns
th(Q)
data output hold time in SPI mode
[2]
--
<tbd>
ns
Table 18.
Dynamic characteristics of SPI pins
Tamb = 40 C to 85 C; CL = <tbd>; 1.8 V <= VDD <= 3.6 V. Simulated parameters; values guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Pin names SCK, MISO, and MOSI refer to pins for both SPI peripherals, SPI0 and SPI1.
Fig 28. SPI master timing in SPI mode
6&. &32/ 
026,
0,62
7F\ FON
WFON +
WFON /
W'6
W'+
WY 4
'$7$ 9$/,'
'$7$ 9$/,'
WK 4
6&. &32/ 
'$7$ 9$/,'
'$7$ 9$/,'
026,
0,62
W'6
W'+
'$7$ 9$/,'
'$7$ 9$/,'
WK 4
'$7$ 9$/,'
'$7$ 9$/,'
WY 4
&3+$ 
&3+$ 
DDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com