Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 52 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 48Page - NXP Semiconductors LPC81XM Datasheet HTML 49Page - NXP Semiconductors LPC81XM Datasheet HTML 50Page - NXP Semiconductors LPC81XM Datasheet HTML 51Page - NXP Semiconductors LPC81XM Datasheet HTML 52Page - NXP Semiconductors LPC81XM Datasheet HTML 53Page - NXP Semiconductors LPC81XM Datasheet HTML 54Page - NXP Semiconductors LPC81XM Datasheet HTML 55Page - NXP Semiconductors LPC81XM Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
52 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[1]
Maximum values are derived from worst case simulation (VDD = 2.6 V; Tamb = 85 C; slow process models).
[2]
Settling time applies to switching between comparator channels<tbd>.
[1]
Measured <tbd> with a 2 kHz input signal and overdrive < 100
V.
[2]
All peripherals except comparator, temperature sensor, and IRC turned off.
13. Application information
13.1 XTAL input
The input voltage to the on-chip oscillators is limited to 1.8 V. If the oscillator is driven by a
clock in slave mode, it is recommended that the input be coupled through a capacitor with
Ci = 100 pF. To limit the input voltage to the specified range, choose an additional
capacitor to ground Cg which attenuates the input voltage by a factor Ci/(Ci + Cg). In slave
mode, a minimum of 200 mV(RMS) is needed.
Table 24.
Comparator voltage ladder reference static characteristics
VDD(3V3) = 3.3 V; Tamb = -40 C to + 85C.
Symbol
Parameter
Conditions
Min
Typ
Max[1]
Unit
EV(O)
output voltage error
Internal VDD(3V3) supply
decimal code = 00
[2]
-
<tbd>
<tbd>
%
decimal code = 08
-
<tbd>
<tbd>
%
decimal code = 16
-
<tbd>
<tbd>
%
decimal code = 24
-
<tbd>
<tbd>
%
decimal code = 30
-
<tbd>
<tbd>
%
decimal code = 31
-
<tbd>
<tbd>
%
EV(O)
output voltage error
External VDDCMP
supply
decimal code = 00
-
<tbd>
<tbd>
%
decimal code = 08
-
<tbd>
<tbd>
%
decimal code = 16
-
<tbd>
<tbd>
%
decimal code = 24
-
<tbd>
<tbd>
%
decimal code = 30
-
<tbd>
<tbd>
%
decimal code = 31
-
<tbd>
<tbd>
%
Fig 30. Slave mode operation of the on-chip oscillator
/3&
;7$/,1
&L
S)
&J
DDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com