Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 5Page - NXP Semiconductors LPC81XM Datasheet HTML 6Page - NXP Semiconductors LPC81XM Datasheet HTML 7Page - NXP Semiconductors LPC81XM Datasheet HTML 8Page - NXP Semiconductors LPC81XM Datasheet HTML 9Page - NXP Semiconductors LPC81XM Datasheet HTML 10Page - NXP Semiconductors LPC81XM Datasheet HTML 11Page - NXP Semiconductors LPC81XM Datasheet HTML 12Page - NXP Semiconductors LPC81XM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
9 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[4]
See Figure 10 for the reset pad configuration. RESET functionality is not available in Deep power-down mode. Use the WAKEUP pin to
reset the chip and wake up from Deep power-down mode. An external pull-up resistor is required on this pin for the Deep power-down
mode.
[5]
5 V tolerant pin providing standard digital I/O functions with configurable modes, configurable hysteresis, and analog input. When
configured as an analog input, the digital section of the pin is disabled, and the pin is not 5 V tolerant.
[6]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis. In Deep
power-down mode, pulling this pin LOW wakes up the chip.
[7]
5 V tolerant pad providing digital I/O functions with configurable pull-up/pull-down resistors and configurable hysteresis.
[8]
5 V tolerant pin providing standard digital I/O functions with configurable modes, configurable hysteresis, and analog I/O for the system
oscillator. When configured as an analog I/O, the digital section of the pin is disabled, and the pin is not 5 V tolerant.
[9]
The digital part of this pin is 3 V tolerant pin due to special analog functionality. Pin provides standard digital I/O functions with
configurable modes, configurable hysteresis, and an analog input. When configured as an analog input, the digital section of the pin is
disabled .
Table 4.
Movable functions (assign to pins PIO0_0 to PIO_17 through switch matrix)
Function name
Type
Description
U0_TXD
O
Transmitter output for USART0.
U0_RXD
I
Receiver input for USART0.
U0_RTS
O
Request To Send output for USART0.
U0_CTS
I
Clear To Send input for USART0.
U0_SCLK
I/O
Serial clock input/output for USART0 in synchronous mode.
U1_TXD
O
Transmitter output for USART1.
U1_RXD
I
Receiver input for USART1.
U1_RTS
O
Request To Send output for USART1.
U1_CTS
I
Clear To Send input for USART1.
U1_SCLK
I/O
Serial clock input/output for USART1 in synchronous mode.
U2_TXD
O
Transmitter output for USART2.
U2_RXD
I
Receiver input for USART2.
U2_RTS
O
Request To Send output for USART2.
U2_CTS
I
Clear To Send input for USART2.
U2_SCLK
I/O
Serial clock input/output for USART2 in synchronous mode.
SPI0_SCK
I/O
Serial clock for SPI0.
SPI0_MOSI
I/O
Master Out Slave In for SPI0.
SPI0_MISO
I/O
Master In Slave Out for SPI0.
SPI0_SSEL
I/O
Slave select for SPI0.
SPI1_SCK
I/O
Serial clock for SPI1.
SPI1_MOSI
I/O
Master Out Slave In for SPI1.
SPI1_MISO
I/O
Master In Slave Out for SPI1.
SPI1_SSEL
I/O
Slave select for SPI1.
CTIN_0
I
SCT input 0.
CTIN_1
I
SCT input 1.
CTIN_2
I
SCT input 2.
CTIN_3
I
SCT input 3.
CTOUT_0
O
SCT output 0.
CTOUT_1
O
SCT output 1.
CTOUT_2
O
SCT output 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com