Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 34Page - NXP Semiconductors LPC81XM Datasheet HTML 35Page - NXP Semiconductors LPC81XM Datasheet HTML 36Page - NXP Semiconductors LPC81XM Datasheet HTML 37Page - NXP Semiconductors LPC81XM Datasheet HTML 38Page - NXP Semiconductors LPC81XM Datasheet HTML 39Page - NXP Semiconductors LPC81XM Datasheet HTML 40Page - NXP Semiconductors LPC81XM Datasheet HTML 41Page - NXP Semiconductors LPC81XM Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
38 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
10.2 CoreMark data
(1) WKT running.
(1) WKT not running.
Fig 17. Deep power-down mode: Typical supply current IDD versus temperature for
different supply voltages VDD
X (X)
X
X
X
XX
001aac984
X
X
X
X
X
X
(X)
X
<tbd>
External signal generator providing 1 MHz to 20 MHz signal drives the XTALIN input; when testing
1 MHz to 19 MHz the system PLL is OFF, SYSAHBCLKDIV = 1; when testing 20 MHz to 30 MHz
the system PLL is configured so that SYSAHBCLKDIV = 1.
Fig 18. CoreMark current consumption for power modes 0, 1, 2, and 3
X (X)
X
X
X
XX
001aac984
X
X
X
X
X
X
(X)
X
<tbd>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com