Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 55 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button LPC81XM Datasheet HTML 51Page - NXP Semiconductors LPC81XM Datasheet HTML 52Page - NXP Semiconductors LPC81XM Datasheet HTML 53Page - NXP Semiconductors LPC81XM Datasheet HTML 54Page - NXP Semiconductors LPC81XM Datasheet HTML 55Page - NXP Semiconductors LPC81XM Datasheet HTML 56Page - NXP Semiconductors LPC81XM Datasheet HTML 57Page - NXP Semiconductors LPC81XM Datasheet HTML 58Page - NXP Semiconductors LPC81XM Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1.0 — 7 November 2012
55 of 67
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
14. Package outline
Fig 32. Package outline SOT097-2 (DIP8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT97-2
MO-001
sot097-2_po
10-10-15
10-10-18
Unit(1)
mm
max
nom
min
4.2
0.51
0.53
0.38
1.07
0.89
0.38
0.20
6.48
6.20
9.8
9.2
2.54
7.62
A
Dimensions (inch dimensions are derived from the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included
DIP8: plastic dual in-line package; 8 leads (300 mil)
SOT97-2
A1
b
1.73
1.14
b1
b2
cD(1)
E(1)
ee1
LME
MH
w
0.254
Z(1)
1.15
inches
max
nom
min
0.17
0.02
3.43
A2
0.14
0.021
0.015
0.042
0.035
0.015
0.008
9.40
7.88
0.37
0.31
7.88
7.62
0.31
0.30
0.26
0.24
0.39
0.36
3.60
3.05
0.14
0.12
0.1
0.3
0.068
0.045
0.01
0.045
0
2.5
5 mm
scale
e
w
Z
b1
D
A2
A1
A
L
pin 1 index
bb2
E
4
1
5
8
(e1)
MH
ME
c
- - -
- - -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com