Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
39
DIFFERENTIAL MICROPHONE INPUT
The Differential Mic PGA configuration is illustrated in Figure 23 for the Left channel. The available
gain in this mode is from +12dB to +30dB in 3dB linear steps. The input to the ADC is in phase with
the input pin selected by L_IP_SEL_N. The input to the ADC is phase inverted with respect to the
input pin selected by L_IP_SEL_P.
Note that the inverting input pin is selected using L_IP_SEL_P and the non-inverting input pin is
selected using L_IP_SEL_N. This is not the same as for the Differential Line mode.
The equivalent configuration is also available on the Right channel; this can be selected
independently of the Left channel mode.
Figure 23 Differential Microphone Mode
INPUT PGA GAIN CONTROL
The volume control gain for the Left and Right channels be independently controlled using the
LIN_VOL and RIN_VOL register fields as described in Table 3. The available gain range varies
according to the selected PGA Mode as detailed in Table 4. Note that the value ‘00000’ must not be
used in Differential Mic Mode, as the PGA will not function correctly under this setting. In single-
ended mode (L_MODE / R_MODE = 00b), the conversion from single-ended to differential within the
WM8904 adds a further 6dB of gain to the signal path.
Each input channel can be independently muted using LINMUTE and RINMUTE.
It is recommended to not adjust the gain dynamically whilst the signal path is enabled; the signal
should be muted at the input or output stage prior to adjusting the volume control.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R44 (2Ch)
Analogue Left
Input 0
7
LINMUTE
1
Left Input PGA Mute
0 = not muted
1 = muted
4:0
LIN_VOL [4:0]
00101
Left Input PGA Volume
(See Table 4 for volume range)
R45 (2Dh)
Analogue
Right Input 0
7
RINMUTE
1
Right Input PGA Mute
0 = not muted
1 = muted
4:0
RIN_VOL [4:0]
00101
Right Input PGA Volume
(See Table 4 for volume range)
Table 3 Input PGA Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com