Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904 Datasheet(PDF) 87 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 87 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 91Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
87
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R73 (49h)
DC Servo 6
7:0
DCS_DAC_WR_V
AL_3 [7:0]
0000 0000
DC Offset value for LINEOUTR in
DAC Write DC Servo mode in two's
complement format.
In readback, the current DC offset
value is returned in two's complement
format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV
R74 (4Ah)
DC Servo 7
7:0
DCS_DAC_WR_V
AL_2 [7:0]
0000 0000
DC Offset value for LINEOUTL in DAC
Write DC Servo mode in two's
complement format.
In readback, the current DC offset
value is returned in two's complement
format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV
R75 (4Bh)
DC Servo 8
7:0
DCS_DAC_WR_V
AL1 [7:0]
0000 0000
DC Offset value for HPOUTR in DAC
Write DC Servo mode in two's
complement format.
In readback, the current DC offset
value is returned in two's complement
format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV
R76 (4Ch)
DC Servo 9
7:0
DCS_DAC_WR_V
AL0 [7:0]
0000 0000
DC Offset value for HPOUTL in DAC
Write DC Servo mode in two's
complement format.
In readback, the current DC offset
value is returned in two's complement
format.
Two’s complement format:
LSB is 0.25mV.
Range is +/-32mV
R77 (4Dh)
DC Servo
Readback 0
11:8
DCS_CAL_COMP
LETE [3:0]
0000
DC Servo Complete status
[3] - LINEOUTR
[2] - LINEOUTL
[1] - HPOUTR
[0] - HPOUTL
0 = DAC Write or Start-Up DC Servo
mode not completed.
1 = DAC Write or Start-Up DC Servo
mode complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com