Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
20
Digital Inputs / Outputs
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input HIGH Level
(Digital Input)
VIH
0.7
DBVDD
V
Input LOW Level
(Digital Input)
VIL
0.3
DBVDD
V
Input HIGH Level
(Analogue / Digital Input)
VIH
0.7
AVDD
V
Input LOW Level
(Analogue / Digital Input)
VIL
0.3
AVDD
V
Output HIGH Level
VOH
IOH = +1mA
0.9
DBVDD
V
Output LOW Level
VOL
IOL = -1mA
0.1
DBVDD
V
Multi-Path Crosstalk
Test Conditions:
Input Path = IN1L/IN1R to ADC, 0dB gain
Output Path = DAC to HPOUTL/HPOUTR, 0dB gain
Fs = 48kHz
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DAC to ADC Crosstalk
1kHz signal, 0dBFS
-45
dB
ADC to DAC Crosstalk
1kHz signal, -7dBV
-60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com