Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
86
The DC Servo control fields associated with start-up operation are described in Table 52. It is
important to note that, to minimise audible pops/clicks, the Start-Up and DAC Write modes of DC
Servo operation should be commanded as part of a control sequence which includes muting and
shorting of the headphone outputs; a suitable sequence is defined in the default Start-Up sequence.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R68 (44h)
DC Servo 1
7
DCS_TRIG_STAR
TUP_3
0
Writing 1 to this bit selects Start-Up
DC Servo mode for LINEOUTR.
In readback, a value of 1 indicates that
the DC Servo Start-Up correction is in
progress.
6
DCS_TRIG_STAR
TUP_2
0
Writing 1 to this bit selects Start-Up
DC Servo mode for LINEOUTL.
In readback, a value of 1 indicates that
the DC Servo Start-Up correction is in
progress.
5
DCS_TRIG_STAR
TUP_1
0
Writing 1 to this bit selects Start-Up
DC Servo mode for HPOUTR.
In readback, a value of 1 indicates that
the DC Servo Start-Up correction is in
progress.
4
DCS_TRIG_STAR
TUP_0
0
Writing 1 to this bit selects Start-Up
DC Servo mode for HPOUTL.
In readback, a value of 1 indicates that
the DC Servo Start-Up correction is in
progress.
3
DCS_TRIG_DAC_
WR_3
0
Writing 1 to this bit selects DAC Write
DC Servo mode for LINEOUTR.
In readback, a value of 1 indicates that
the DC Servo DAC Write correction is
in progress.
2
DCS_TRIG_DAC_
WR_2
0
Writing 1 to this bit selects DAC Write
DC Servo mode for LINEOUTL.
In readback, a value of 1 indicates that
the DC Servo DAC Write correction is
in progress.
1
DCS_TRIG_DAC_
WR_1
0
Writing 1 to this bit selects DAC Write
DC Servo mode for HPOUTR.
In readback, a value of 1 indicates that
the DC Servo DAC Write correction is
in progress.
0
DCS_TRIG_DAC_
WR_0
0
Writing 1 to this bit selects DAC Write
DC Servo mode for HPOUTL.
In readback, a value of 1 indicates that
the DC Servo DAC Write correction is
in progress.
R67 (43h)
DC Servo 0
3
DCS_ENA_CHAN
_3
0
DC Servo enable for LINEOUTR
0 = disabled
1 = enabled
2
DCS_ENA_CHAN
_2
0
DC Servo enable for LINEOUTL
0 = disabled
1 = enabled
1
DCS_ENA_CHAN
_1
0
DC Servo enable for HPOUTR
0 = disabled
1 = enabled
0
DCS_ENA_CHAN
_0
0
DC Servo enable for HPOUTL
0 = disabled
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com