Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
31
ADC FILTER RESPONSES
Figure 6 ADC Digital Filter Frequency Response
Figure 7 ADC Digital Filter Ripple
ADC HIGH PASS FILTER RESPONSES
MAGNITUDE(dB)
1
2.6923
7.2484
19.515
52.54
141.45
380.83
1.0253k
2.7605k
7.432k
20.009k
-11.736
-10.562
-9.3883
-8.2145
-7.0407
-5.8669
-4.6931
-3.5193
-2.3455
-1.1717
2.1246m
hpf_response.res MAGNITUDE(dB)
hpf_response2.res MAGNITUDE(dB)
hpf_response2.res#1 MAGNITUDE(dB)
2
5.0248
12.624
31.716
79.683
200.19
502.96
1.2636k
3.1747k
7.9761k
20.039k
-83.352
-75.017
-66.682
-58.347
-50.012
-41.677
-33.342
-25.007
-16.672
-8.3373
-2.3338m
Figure 8 ADC Digital High Pass Filter Frequency Response
(48kHz, Hi-Fi Mode, ADC_HPF_CUT[1:0]=00)
Figure 9 ADC Digital High Pass Filter Ripple (48kHz,
Voice Mode, ADC_HPF_CUT=01, 10 and 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com