Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 188 page
background image
Pre-Production
WM8904
w
PP, Rev 3.3, September 2012
73
SEQUENCE
HEADPHONE ENABLE
LINEOUT ENABLE
Step 1
HPL_ENA = 1
HPR_ENA = 1
LINEOUTL_ENA = 1
LINEOUTR_ENA = 1
Step 2
HPL_ENA_DLY = 1
HPR_ENA_DLY = 1
LINEOUTL_ENA_DLY = 1
LINEOUTR_ENA_DLY = 1
Step 3
DC offset correction
DC offset correction
Step 4
HPL_ENA_OUTP = 1
HPR_ENA_OUTP = 1
LINEOUTL_ENA_OUTP = 1
LINEOUTR_ENA_OUTP = 1
Step 5
HPL_RMV_SHORT = 1
HPR_RMV_SHORT = 1
LINEOUTL_RMV_SHORT = 1
LINEOUTR_RMV_SHORT = 1
Table 41 Headphone / Line Output Enable Sequence
SEQUENCE
HEADPHONE DISABLE
LINEOUT DISABLE
Step 1
HPL_RMV_SHORT = 0
HPR_RMV_SHORT = 0
LINEOUTL_RMV_SHORT = 0
LINEOUTR_RMV_SHORT = 0
Step 2
HPL_ENA = 0
HPL_ENA_DLY = 0
HPL_ENA_OUTP = 0
HPR_ENA = 0
HPR_ENA_DLY = 0
HPR_ENA_OUTP = 0
LINEOUTL_ENA = 0
LINEOUTL_ENA_DLY = 0
LINEOUTL_ENA_OUTP = 0
LINEOUTR_ENA = 0
LINEOUTR_ENA_DLY = 0
LINEOUTR_ENA_OUTP = 0
Table 42 Headphone / Line Output Disable Sequence
The registers relating to Headphone / Line Output pop suppression control are defined in Table 43.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R90 (5Ah)
Analogue
HP 0
7
HPL_RMV_SHOR
T
0
Removes HPL short
0 = HPL short enabled
1 = HPL short removed
For normal operation, this bit should
be set as the final step of the HPL
Enable sequence.
6
HPL_ENA_OUTP
0
Enables HPL output stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the DC offset
cancellation has been scheduled.
5
HPL_ENA_DLY
0
Enables HPL intermediate stage
0 = Disabled
1 = Enabled
For normal operation, this bit should
be set to 1 after the output signal path
has been configured, and before DC
offset cancellation is scheduled. This
bit should be set with at least 20us
delay after HPL_ENA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com