Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8904 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8904
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8904 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8904 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8904 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 188 page
background image
WM8904
Pre-Production
w
PP, Rev 3.3, September 2012
12
INPUT SIGNAL PATH
Single-ended Stereo Line Record - IN1L+IN1R pins to ADC output
Test conditions:
L_MODE = R_MODE = 00b (Single ended)
LIN_VOL = RIN_VOL = 00101b (0dB)
Total signal path gain = 6dB, incorporating 6dB single-ended to differential conversion gain
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Full Scale Input Signal Level (for
ADC 0dBFS).
0.50
-6
1.41
Vrms
dBV
Vpk-pk
Input Resistance
Rin
9
12
k
Input Capacitance
Cin
10
pF
Signal to Noise Ratio
SNR
A-weighted
ADC_OSR128 = 0
ADC_128_OSR_TST_
MODE = 1
ADC_BIASx1P5 = 1
80
dB
A-weighted
ADC_OSR128 = 1
ADC_128_OSR_TST_
MODE = 0
ADC_BIASx1P5 = 0
80
90
Total Harmonic Distortion + Noise
THD+N
-7dBV input
-78
-66
dB
Channel Separation
1kHz signal, -7dBV
85
dB
10kHz signal, -7dBV
80
Channel Level Matching
1kHz signal, -7dBV
+/-1
dB
Power Supply Rejection Ratio
PSRR
217Hz, 100mVpk-pk
45
dB
1kHz, 100mV pk-pk
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com