Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/RV Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/RV
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/RV Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8213SCDS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.1 July 2008
34
ADDRESS
<A5:A0>
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0
REDPD
0
When set powers down red S/H, PGA
1
GRNPD
0
When set powers down green S/H, PGA
2
BLUPD
0
When set powers down blue S/H, PGA
3
ADCPD
0
When set powers down ADC. Allows reduced power
consumption without powering down the references which have a
long time constant when switching on/off due to the external
decoupling capacitors.
4
VRLCDACPD
0
When set powers down 4-bit RLCDAC, setting the output to a
high impedance state and allowing an external reference to be
driven in on the VRLC/VBIAS pin.
5
ADCREFPD
0
When set disables VRT, VRB buffers to allow external references
to be used.
6
VRXPD
0
When set disables VRX buffer to allow an external reference to
be used.
000111
(07h)
Setup
Register 5
7
Reserved
0
Must be set to 0
0
VSMPDET
0
When LEGACY=0 this register bit has no effect.
When LEGACY=1:
0 = Normal operation, signal on VSMP input pin is applied directly
to Timing Control block.
1 = Programmable VSMP detect circuit is enabled. An internal
synchronisation pulse is generated from signal applied to VSMP
input pin and is applied to Timing Control block in place of VSMP.
3:1
VDEL[2:0]
000
When LEGACY=0 or VSMPDET=0 these bits have no effect.
The VDEL bits set a programmable delay from the detected edge
of the signal applied to the VSMP pin. The internally generated
pulse is delayed by VDEL MCLK periods from the detected edge.
See Figure 20, Internal VSMP Pulses Generated for details.
4
POSNNEG
0
When LEGACY=0 or VSMPDET=0 this bit has no effect.
When LEGACY=1 and VSMPDET=1 this bit controls whether
positive or negative edges on the VSMP input pin are detected:
0 = Negative edge on VSMP pin is detected and used to generate
internal timing pulse.
1 = Positive edge on VSMP pin is detected and used to generate
internal timing pulse.
See Figure 20 for further details.
5
RLCEN
1
Reset Level Clamp Enable. When set Reset Level Clamping is
enabled. The method of clamping is determined by CLAMPCTRL
and LEGACY.
In LEGACY mode clamping will still occur on every pixel at a time
defined by the CDSREF[1:0] bits.
6
CLAMPCTRL
0
This bit has no effect if LEGACY=1. See Table 2 for more
information.
0 = RLC switch is controlled directly from RSMP input pin:
RSMP = 0: switch is open
RMSP = 1: switch is closed
1 = RLC switch is controlled by logical combination of RSMP and
VSMP.
RSMP && VSMP = 0: switch is open
RSMP && VSMP = 1: switch is closed
001000
(08h)
Setup
Register 6
7
Reserved
0
Must be set to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com