Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/RV Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/RV
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/RV Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8213SCDS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
Production Data
WM8213
w
PD Rev 4.1 July 2008
31
REGISTER MAP DESCRIPTION
The following table describes the function of each of the control bits shown in Table 7.
ADDRESS
<A5:A0>
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
0
EN
1
Global Enable
0 = complete power down,
1 = fully active (individual blocks can be disabled using individual
power down bits – see setup register 5).
1
CDS
1
Select correlated double sampling mode:
0 = single ended mode,
1 = CDS mode.
2
MONO
0
Sampling mode select (see Table 5 for further details):
0 = other mode (2 or 3-channel)
1 = Monochrome (1-channel) mode. Input channel selected by
CHAN[1:0] register bits, unused channels are powered down.
3
TWOCHAN
0
Sampling mode select (see Table 5 for further details):
0 = other mode (1 or 3-channel)
1 = 2-channel mode. Inputs channels are Red and Green, Blue
channel is powered down.
5:4
PGAFS[1:0]
00
Offsets PGA output to optimise the ADC range for different
polarity sensor output signals. Zero differential PGA input signal
gives:
0x = Zero output from the PGA (Output code=32767)
10 = Full-scale positive output (OP=65535) - use for negative
going video.
NB, Set INVOP=1 if zero differential input should give a
zero output code with negative going video.
11 = Full-scale negative output (OP=0) - use for positive going
video
6
MODE4LEG
0
This bit has no effect when LEGACY=0. Set this bit when
operating in LEGACY MODE4:
0 = other modes, 1 = LEGACY MODE4.
000001
(01h)
Setup
Register 1
7
LEGACY
0
Makes the WM8213 timing compatible with the WM819x and
WM815x AFE families.
0 = Normal timing
1 = Enable LEGACY timing. Requires double rate MCLK and
pixel rate VSMP input. RSMP pin performs same function as
RLC/ACYC pin on WM819x devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com