Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/RV Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/RV
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/RV Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8213SCDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.1 July 2008
10
Figure 3 Single-channel CDS Input Video Timing
Notes:
1. The relationship between input video and sampling is controlled by VSMP and RSMP.
2. When VSMP is high the input video signal is connected to the Video sampling capacitors.
3. When RSMP is high the input video signal is connected to the Reset sampling capacitors.
4. RSMP must not go high before the first falling edge of MCLK after VSMP goes low.
5. It is required that the falling edge of VSMP should occur before the rising edge of MCLK.
6. In 1-channel CDS mode it is not possible to have a equally spaced Video and Reset sample points with a 24MHz MCLK
7. Non-CDS operation is also possible; RSMP is not required in this mode.
Test Conditions
AVDD = DVDD1 = DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C, MCLK = 24MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
MCLK period
tPER
41.6
ns
MCLK high period
tMCLKH
18.8
20.8
ns
MCLK low period
tMCLKL
18.8
20.8
ns
RSMP pulse high time
tRSD
5
ns
VSMP pulse high time
tVSD
5
ns
RSMP falling to VSMP rising time
tRSFVSR
0
ns
MCLK rising to VSMP rising time
tMRVSR
3
ns
MCLK falling to VSMP falling time 2
tMFVSF
5
ns
VSMP falling to MCLK rising time
tVSFMR
1
ns
1st MCLK falling edge after VSMP falling
to RSMP rising time
tMF1RS
1
ns
3-channel mode pixel rate
tPR3
125
ns
2-channel mode pixel rate
tPR2
83.3
ns
1-channel mode pixel rate
tPR1
41.6
ns
Output propagation delay
tPD
5
10
ns
Output latency. From 1st rising edge of
MCLK after VSMP falling to data output
LAT
7
MCLK
periods
Notes:
1.
Parameters are measured at 50% of the rising/falling edge.
2.
In Single-Channel mode, if tMFVSF is less than 9.5ns, the output amplitude of the WM8213 will decrease.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com