Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/RV Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/RV
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/RV Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8213SCDS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.1 July 2008
32
ADDRESS
<A5:A0>
REGISTER
BIT
NO
BIT
NAME(S)
DEFAULT
DESCRIPTION
1:0
OPFORM[1:0]
0
Determines the output data format.
x0 = 8-bit multiplexed (8+8 bits)
01 = 8-bit parallel (8-MSBs only)
11 = 4-bit multiplexed mode (4+4+4+4 bits). This mode is only
valid when LEGACY=1.
2
INVOP
0
Digitally inverts the polarity of output data.
0 = negative going video gives negative going output,
1 = negative-going video gives positive going output data.
Output Disable. This works with the OEB pin to control the output
pins.
0=Digital outputs enabled, 1=Digital outputs high impedance
OEB (pin)
OPD
OP pins
0
0
Enabled
0
1
High Impedance
1
0
High Impedance
3
OPD
0
1
1
High impedance
4
LOWREFS
0
Reduces the ADC reference range (2*[VRT-VRB]), thus changing
the max/min input voltages.
0= ADC reference range = 2.0V
1= ADC reference range = 1.2V
5
RLCDACRNG
1
Sets the output range of the RLCDAC.
0 = RLCDAC ranges from 0 to AVDD (approximately),
1 = RLCDAC ranges from 0 to VRT (approximately).
Controls the latency from sample to data appearing on output
pins
Latency
DEL
LEGACY=0
All timing modes
LEGACY=1
timing modes 1-2,4-6
LEGACY
=1
timing
mode 3
00
7 MCLK periods
16.5 MCLK periods
23.5
MCLK
periods
01
8 MCLK periods
18.5 MCLK periods
26.5
MCLK
periods
10
9 MCLK periods
20.5 MCLK periods
29.5
MCLK
periods
000010
(02h)
Setup
Register 2
7:6
DEL[1:0]
00
11
10 MCLK periods
22.5 MCLK periods
31.5
MCLK
periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com