Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/RV Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/RV
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/RV Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8213SCDS/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Production Data
WM8213
w
PD Rev 4.1 July 2008
7
Test Conditions
AVDD = DVDD1 = DVDD2 = 3.3V, AGND = DGND = 0V, TA = 25
°C, MCLK = 24MHz unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Reset-Level Clamp (RLC) circuit/ Reference Level DAC
RLC switching impedance
50
Ω
VRLC short-circuit current
2
mA
VRLC output resistance
2
Ω
VRLC Hi-Z leakage current
VRLC = 0 to AVDD
1
µA
Reference RLCDAC resolution
4
bits
Reference RLCDAC step size
VRLCSTEP
AVDD=3.3V
RLCDACRNG=0
0.173
V/step
Reference RLCDAC step size
VRLCSTEP
RLCDACRNG=1
0.11
V/step
Reference RLCDAC output
voltage at code 0(hex)
VRLCBOT
AVDD=3.3V,
RLCDACRNG=0
0.4
V
Reference RLCDAC output
voltage at code 0(hex)
VRLCBOT
RLCDACRNG=1
0.4
V
Reference RLCLDAC output
voltage at code F(hex)
VRLCTOP
AVDD=3.3V,
RLCDACRNG=0
3.0
V
Reference RLCDAC output
voltage at code F(hex)
VRLCTOP
RLCDACRNG = 1
2.05
V
RLCDAC
DNL
-0.5
+0.5
LSB
RLCDAC
INL
+/-1
LSB
Offset DAC, Monotonicity Guaranteed
Resolution
8
bits
Differential non-linearity
DNL
0.1
0.5
LSB
Integral non-linearity
INL
0.25
1
LSB
Step size
2.04
mV/step
Output voltage
Code 00(hex)
Code FF(hex)
-260
+260
mV
mV
Programmable Gain Amplifier
Resolution
9
bits
Gain equation
]
:
[
PGA
*
.
.
0
8
511
34
7
66
0
+
V/V
Max gain, each channel
GMAX
8
V/V
Min gain, each channel
GMIN
0.66
V/V
Channel Matching
1
5
%
Analogue to Digital Converter
Resolution
16
bits
Speed
24
MSPS
LOWREFS=0
2
V
Full-scale input range
(2*(VRT-VRB))
LOWREFS=1
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com