Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/RV Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/RV
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/RV Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8213SCDS/RV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.1 July 2008
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
RINP
Analogue input
Red channel input video.
2
AGND2
Supply
Analogue ground reference.
3
DVDD1
Supply
Digital supply for logic and clock generator. This must be operated at the same
potential as AVDD.
4
OEB
Digital input
Output Hi-Z control, all digital outputs disabled when register bit OEB = 1 or register
bit OPD = 1.
5
VSMP
Digital input
Video sample timing pulse.
6
RSMP
Digital input
Reset sample timing pulse (also used for RLC control).
7
MCLK
Digital input
Master (ADC) clock. This determines the ADC conversion rate.
8
DGND
Supply
Digital ground reference.
9
SEN
Digital input
Enables the serial interface when high.
10
DVDD2
Supply
Digital supply, all digital I/O pins.
11
SDI
Digital input
Serial data input.
12
SCK
Digital input
Serial clock.
Digital multiplexed output data bus.
ADC output data (d15:d0) is available in multiplexed format as shown. See ‘Output
Formats’ description in Device Description section for details of other output modes.
A
B
13
OP[0]
Digital output
d8
d0
14
OP[1]
Digital output
d9
d1
15
OP[2]
Digital output
d10
d2
16
OP[3]
Digital output
d11
d3
17
OP[4]
Digital output
d12
d4
18
OP[5]
Digital output
d13
d5
19
OP[6]
Digital output
d14
d6
d15
d7
20
OP[7]/SDO
Digital output
Alternatively, pin OP[7]/SDO may be used to output register read-back data when
register bit OEB = 0, OPD = 0 and SEN has been pulsed high. See Serial Interface
description in Device Description section for further details.
21
AVDD
Supply
Analogue supply. This must be operated at the same potential as DVDD1.
22
AGND1
Supply
Analogue ground reference.
23
VRB
Analogue output
Lower reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
24
VRT
Analogue output
Upper reference voltage.
This pin must be connected to AGND via a decoupling capacitor.
25
VRX
Analogue output
Input return bias voltage.
This pin must be connected to AGND via a decoupling capacitor.
26
VRLC/VBIAS
Analogue I/O
Selectable analogue output voltage for RLC or single-ended bias reference.
This pin would typically be connected to AGND via a decoupling capacitor.
VRLC can be externally driven if programmed Hi-Z.
27
BINP
Analogue input
Blue channel input video.
28
GINP
Analogue input
Green channel input video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com