Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8213SCDS/RV Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8213SCDS/RV
Description  24MSPS 16-bit CCD Digitiser
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8213SCDS/RV Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8213SCDS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8213SCDS/RV Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
WM8213
Production Data
w
PD Rev 4.1 July 2008
30
DEVICE CONFIGURATION
REGISTER MAP
The following table describes the location of each control bit used to determine the operation of the
WM8213.
BIT
ADDRESS
<a5:a0>
DESCRIPTION
DEF
(hex)
R
W
b7
b6
b5
b4
b3
b2
b1
b0
000001 (01h) Setup Reg 1
03
RW
LEGACY
MODE4LEG
PGAFS[1]
PGAFS[0]
TWOCHAN
MONO
CDS
EN
000010 (02h) Setup Reg 2
20
RW
DEL[1]
DEL[0]
RLCDACRNG
LOWREFS
OPD
INVOP
OPFORM[1]
OPFORM[0]
000011 (03h) Setup Reg 3
1F
RW
CHAN[1]
CHAN[0]
CDSREF [1]
CDSREF [0]
RLCDAC[3]
RLCDAC[2]
RLCDAC[1]
RLCDAC[0]
000100 (04h) Software Reset
00
W
000101 (05h) Auto-cycle Reset
00
W
000110 (06h) Setup Reg 4
00
RW
0
0
0
0
INTM[1]
INTM[0]
ACYC
LINEBYLINE
000111 (07h) Setup Reg 5
00
RW
0
VRXPD
ADCREFPD
VRLCDACPD
ADCPD
BLUPD
GRNPD
REDPD
001000 (08h) Setup Reg 6
20
RW
0
CLAMPCTRL
RLCEN
POSNNEG
VDEL[2]
VDEL[1]
VDEL[0]
VSMPDET
001001 (09h) Reserved
00
RW
0
0
0
0
0
0
0
0
001010 (0Ah) Reserved
00
RW
0
0
0
0
0
0
0
0
001011 (0Bh) Reserved
00
RW
0
0
0
0
0
0
0
0
001100 (0Ch) Reserved
00
RW
0
0
0
0
0
0
0
0
100000 (20h) DAC Value (Red)
80
RW
DACR[7]
DACR[6]
DACR[5]
DACR[4]
DACR[3]
DACR[2]
DACR[1]
DACR[0]
100001 (21h) DAC Value (Green)
80
RW
DACG[7]
DACG[6]
DACG[5]
DACG[4]
DACG[3]
DACG[2]
DACG[1]
DACG[0]
100010 (22h) DAC Value (Blue)
80
RW
DACB[7]
DACB[6]
DACB[5]
DACB[4]
DACB[3]
DACB[2]
DACB[1]
DACB[0]
100011 (23h) DAC Value (RGB)
-
W
DACRGB[7]
DACRGB[6]
DACRGB[5]
DACRGB[4]
DACRGB[3]
DACRGB[2]
DACRGB[1]
DACRGB[0]
100100 (24h) PGA Gain LSB (Red)
00
RW
0
0
0
0
0
0
0
PGAR[0]
100101 (25h) PGA Gain LSB (Green)
00
RW
0
0
0
0
0
0
0
PGAG[0]
100110 (26h) PGA Gain LSB (Blue)
00
RW
0
0
0
0
0
0
0
PGAB[0]
100111 (27h) PGA Gain LSB (RGB)
-
W
0
0
0
0
0
0
0
PGARGB[0]
101000 (28h) PGA Gain MSBs (Red)
0C
RW
PGAR[8]
PGAR[7]
PGAR[6]
PGAR[5]
PGAR[4]
PGAR[3]
PGAR[2]
PGAR[1]
101001 (29h) PGA Gain MSBs (Green)
0C
RW
PGAG[8]
PGAG[7]
PGAG[6]
PGAG[5]
PGAG[4]
PGAG[3]
PGAG[2]
PGAG[1]
101010 (2Ah) PGA Gain MSBs (Blue)
0C
RW
PGAB[8]
PGAB[7]
PGAB[6]
PGAB[5]
PGAB[4]
PGAB[3]
PGAB[2]
PGAB[1]
101011 (2Bh) PGA Gain MSBs (RGB)
-
W
PGARGB[8]
PGARGB[7]
PGARGB[6]
PGARGB[5]
PGARGB[4]
PGARGB[3]
PGARGB[2]
PGARGB[1]
Table 7 Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com