Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX098 Datasheet(PDF) 2 Page - Sony Corporation

Part # ICX098
Description  Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX098 Datasheet(HTML) 2 Page - Sony Corporation

  ICX098 Datasheet HTML 1Page - Sony Corporation ICX098 Datasheet HTML 2Page - Sony Corporation ICX098 Datasheet HTML 3Page - Sony Corporation ICX098 Datasheet HTML 4Page - Sony Corporation ICX098 Datasheet HTML 5Page - Sony Corporation ICX098 Datasheet HTML 6Page - Sony Corporation ICX098 Datasheet HTML 7Page - Sony Corporation ICX098 Datasheet HTML 8Page - Sony Corporation ICX098 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
VDD, VOUT,
φRG – φSUB
V
φ2A, Vφ2B – φSUB
V
φ1, Vφ3, VL – φSUB
H
φ1, Hφ2, GND – φSUB
CSUB –
φSUB
VDD, VOUT,
φRG, CSUB – GND
V
φ1, Vφ2A, Vφ2B, Vφ3 – GND
H
φ1, Hφ2 – GND
V
φ2A, Vφ2B – VL
V
φ1, Vφ3, Hφ1, Hφ2, GND – VL
Voltage difference between vertical clock input pins
H
φ1 – Hφ2
H
φ1, Hφ2 – Vφ3
– 2 –
ICX098AK
Pin No.
Symbol
Description
Pin No.
Symbol
Description
1
2
3
4
5
6
7
V
φ1
V
φ3
V
φ2A
V
φ2B
VL
GND
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Protective transistor bias
GND
Signal output
8
9
10
11
12
13
14
VDD
GND
φSUB
CSUB
φRG
H
φ1
H
φ2
Supply voltage
GND
Substrate clock
Substrate bias∗1
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Pin Description
G
R
G
R
G
R
G
G
B
B
B
G
Horizontal register
Note)
Note)
: Photo sensor
G
G
B
B
B
G
G
R
G
R
G
R
9
10
11
12
13
14
8
1
2
3
4
5
6
7
Block Diagram and Pin Configuration
(Top View)
∗1 DC bias is generated within the CCD, so that this pin should be grounded externally through a capacitance
of 0.1µF.
Against
φSUB
Against GND
Against VL
Between input
clock pins
Storage temperature
Operating temperature
Absolute Maximum Ratings
–40 to +10
–50 to +15
–50 to +0.3
–40 to +0.3
–25 to
–0.3 to +18
–10 to +18
–10 to +5
–0.3 to +28
–0.3 to +15
to +15
–5 to +5
–13 to +13
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
Item
Ratings
Unit
Remarks
∗2 +24V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
∗2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com