Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX098 Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX098
Description  Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX098 Datasheet(HTML) 1 Page - Sony Corporation

  ICX098 Datasheet HTML 1Page - Sony Corporation ICX098 Datasheet HTML 2Page - Sony Corporation ICX098 Datasheet HTML 3Page - Sony Corporation ICX098 Datasheet HTML 4Page - Sony Corporation ICX098 Datasheet HTML 5Page - Sony Corporation ICX098 Datasheet HTML 6Page - Sony Corporation ICX098 Datasheet HTML 7Page - Sony Corporation ICX098 Datasheet HTML 8Page - Sony Corporation ICX098 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Description
The ICX098AK is a diagonal 4.5mm (Type 1/4)
interline CCD solid-state image sensor with a square
pixel array which supports VGA format. Progressive
scan
allows
all
pixels
signals
to
be
output
independently within approximately 1/30 second.
Also, the adoption of monitoring mode allows output
to an NTSC monitor without passing through the
memory. This chip features an electronic shutter with
variable charge-storage time which makes it possible
to realize full-frame still image without a mechanical
shutter. High resolution and high color reproductivity
are achieved through the use of R, G, B primary color
mosaic filters. Further, high sensitivity and low dark
current are achieved through the adoption of HAD
(Hole-Accumulation Diode) sensors.
This chip is suitable for applications such as electronic
still cameras, PC input cameras, etc.
Features
• Progressive scan allows individual readout of the
image signals from all pixels.
• High horizontal and vertical resolution (both approx.
400TV-lines) still image without a mechanical
shutter.
• Supports monitoring mode
• Square pixel
• Supports VGA format
• Horizontal drive frequency: 12.27MHz
• No voltage adjustments (reset gate and substrate
bias are not adjusted.)
• R, G, B primary color mosaic filters on chip
• High resolution, high color reproductivity, high
sensitivity, low dark current
• Continuous variable-speed shutter
• Low smear
• Excellent antiblooming characteristics
• Horizontal register: 3.3V drive
• 14-pin high precision plastic package (enables dual-surface standard)
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 4.5mm (Type 1/4)
• Number of effective pixels:
659 (H)
× 494 (V) approx. 330K pixels
• Total number of pixels:
692 (H)
× 504 (V) approx. 350K pixels
• Chip size:
4.60mm (H)
× 3.97mm (V)
• Unit cell size:
5.6µm (H)
× 5.6µm (V)
• Optical black:
Horizontal (H) direction: Front 2 pixels, rear 31 pixels
Vertical (V) direction:
Front 8 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 16
Vertical 5
• Substrate material:
Silicon
– 1 –
ICX098AK
E96533B99
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
2
31
2
8
Pin 8
H
Optical black position
(Top View)
14 pin DIP (Plastic)
∗ Wfine CCD is a registered trademark of Sony Corporation.
Represents a CCD adopting progressive scan, primary color filter and square pixel.


Similar Part No. - ICX098

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX098 SONY-ICX098 Datasheet
345Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BQ SONY-ICX098BQ Datasheet
328Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX098

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX084AK SONY-ICX084AK Datasheet
201Kb / 18P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098AL SONY-ICX098AL Datasheet
345Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX204AK SONY-ICX204AK Datasheet
280Kb / 23P
Diagonal 6mm (Type 1/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX098BL SONY-ICX098BL Datasheet
321Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX098BQ SONY-ICX098BQ Datasheet
328Kb / 21P
Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com