Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX098 Datasheet(PDF) 11 Page - Sony Corporation

Part # ICX098
Description  Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX098 Datasheet(HTML) 11 Page - Sony Corporation

Back Button ICX098 Datasheet HTML 7Page - Sony Corporation ICX098 Datasheet HTML 8Page - Sony Corporation ICX098 Datasheet HTML 9Page - Sony Corporation ICX098 Datasheet HTML 10Page - Sony Corporation ICX098 Datasheet HTML 11Page - Sony Corporation ICX098 Datasheet HTML 12Page - Sony Corporation ICX098 Datasheet HTML 13Page - Sony Corporation ICX098 Datasheet HTML 14Page - Sony Corporation ICX098 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
– 11 –
ICX098AK
5. Uniformity between video signal channels
After measuring 4, measure the maximum (Rmax [mV]) and minimum (Rmin [mV]) values of the R signal
and the maximum (Bmax [mV]) and minimum (Bmin [mV]) values of the B signal, and substitute the values
into the following formula.
∆Srg = (Rmax – Rmin)/150 × 100 [%]
∆Sbg = (Bmax – Bmin)/150 × 100 [%]
6. Dark signal
Measure the average value of the signal output (Vdt [mV]) with the device ambient temperature 60°C and
the device in the light-obstructed state, using the horizontal idle transfer level as a reference.
7. Dark signal shading
After measuring 6, measure the maximum (Vdmax [mV]) and minimum (Vdmin [mV]) values of the dark
signal output and substitute the values into the following formula.
∆Vdt = Vdmax – Vdmin [mV]
8. Line crawl
Set to standard imaging condition II. Adjusting the luminous intensity so that the average value of the Gr
signal output is 150mV, and then insert R, G, and B filters and measure the difference between G signal
lines (
∆Glr, ∆Glg, ∆Glb [mV]) as well as the average value of the G signal output (Gar, Gag, Gab).
Substitute the values into the following formula.
Lci =
× 100 [%] (i = r, g, b)
9. Lag
Adjust the Gr signal output value generated by strobe light to 150mV. After setting the strobe light so that it
strobes with the following timing, measure the residual signal (Vlag). Substitute the value into the following
formula.
Lag = (Vlag/150)
× 100 [%]
Vlag (Lag)
Gr signal output 150mV
Light
VD
V2A
Strobe light
timing
Output
∆Gli
Gai



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com