Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX098 Datasheet(PDF) 9 Page - Sony Corporation

Part # ICX098
Description  Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX098 Datasheet(HTML) 9 Page - Sony Corporation

Back Button ICX098 Datasheet HTML 5Page - Sony Corporation ICX098 Datasheet HTML 6Page - Sony Corporation ICX098 Datasheet HTML 7Page - Sony Corporation ICX098 Datasheet HTML 8Page - Sony Corporation ICX098 Datasheet HTML 9Page - Sony Corporation ICX098 Datasheet HTML 10Page - Sony Corporation ICX098 Datasheet HTML 11Page - Sony Corporation ICX098 Datasheet HTML 12Page - Sony Corporation ICX098 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
– 9 –
ICX098AK
Image Sensor Characteristics Measurement Method
Color coding and readout of this image sensor
The primary color filters of this image sensor are arranged in the layout
shown in the figure on the left (Bayer arrangement).
Gr and Gb denote the G signals on the same line as the R signal and
the B signal, respectively.
All pixels signals are output successively in a 1/30s period.
The R signal and Gr signal lines and the Gb signal and B signal lines are output successively.
Readout modes
The diagram below shows the output methods for the following two readout modes.
Horizontal register
Gb
R
Gb
R
B
Gr
B
Gr
Gb
R
Gb
R
B
Gr
B
Gr
Color Coding Diagram
G
R
G
R
R
G
R
B
G
B
G
G
B
G
7
6
5
4
3
2
1
VOUT
7
6
5
4
3
2
1
VOUT
G
R
G
R
R
G
R
B
G
B
G
G
B
G
Progressive scan mode
Monitoring mode
Note) Blacked out portions in the diagram indicate pixels which are not read out.
1. Progressive scan mode
In this mode, all pixel signals are output in non-interlace format in 1/30s.
The vertical resolution is approximately 400TV-lines and all pixel signals within the same exposure period
are read out simultaneously, making this mode suitable for high resolution image capturing.
2. Monitoring mode
The signals for all effective areas are output during a single field period of NTSC standard (approximately 1/60s)
by repeating readout pixels and non-readout pixels every two lines. The vertical resolution is approximately
200TV-lines. Note that the same pixel signal is output for both odd and even fields.
Since signals are output in a format which conforms to NTSC, the external circuit can be simplified when
monitoring using an NTSC monitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com