Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX098 Datasheet(PDF) 4 Page - Sony Corporation

Part # ICX098
Description  Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX098 Datasheet(HTML) 4 Page - Sony Corporation

  ICX098 Datasheet HTML 1Page - Sony Corporation ICX098 Datasheet HTML 2Page - Sony Corporation ICX098 Datasheet HTML 3Page - Sony Corporation ICX098 Datasheet HTML 4Page - Sony Corporation ICX098 Datasheet HTML 5Page - Sony Corporation ICX098 Datasheet HTML 6Page - Sony Corporation ICX098 Datasheet HTML 7Page - Sony Corporation ICX098 Datasheet HTML 8Page - Sony Corporation ICX098 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
– 4 –
ICX098AK
Clock Equivalent Circuit Constant
Item
Capacitance between vertical transfer
clock and GND
C
φV1
C
φV2A, CφV2B
C
φV3
C
φV12A, CφV2B1
C
φV2A3, CφV32B
C
φV13
C
φH1, CφH2
C
φHH
C
φRG
C
φSUB
R1
R2A, R2B
R3
RGND
R
φH
RH2
R
φRG
1200
470
2200
470
390
10
22
68
3
220
20
43
36
43
12
30
62
pF
pF
pF
pF
pF
pF
pF
pF
pF
pF
Ω
Ω
Ω
Ω
Ω
k
Ω
Ω
Capacitance between vertical transfer
clocks
Capacitance between horizontal
transfer clock and GND
Capacitance between horizontal transfer
clocks
Capacitance between reset gate clock
and GND
Capacitance between substrate clock and
GND
Vertical transfer clock series resistor
Vertical transfer clock ground resistor
Horizontal transfer clock series resistor
Horizontal transfer clock ground resistor
Reset gate clock series resistor
Symbol
Min.
Typ.
Max.
Unit
Remarks
R
φH
R
φH
H
φ2
H
φ1
C
φH1
C
φH2
C
φHH
V
φ1
C
φV12A
V
φ2A
V
φ2B
V
φ3
C
φV32B
C
φV2A3
C
φV2B1
C
φV13
C
φV1
C
φV2A
C
φV2B
C
φV3
RGND
R2B
R1
R3
R2A
Vertical transfer clock equivalent circuit
Horizontal transfer clock equivalent circuit
RH2
R
φRG
RG
φ
C
φRG
Reset gate clock equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com