Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX098 Datasheet(PDF) 7 Page - Sony Corporation

Part # ICX098
Description  Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX098 Datasheet(HTML) 7 Page - Sony Corporation

Back Button ICX098 Datasheet HTML 3Page - Sony Corporation ICX098 Datasheet HTML 4Page - Sony Corporation ICX098 Datasheet HTML 5Page - Sony Corporation ICX098 Datasheet HTML 6Page - Sony Corporation ICX098 Datasheet HTML 7Page - Sony Corporation ICX098 Datasheet HTML 8Page - Sony Corporation ICX098 Datasheet HTML 9Page - Sony Corporation ICX098 Datasheet HTML 10Page - Sony Corporation ICX098 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
– 7 –
ICX098AK
Readout clock
Vertical transfer
clock
During
imaging
During
parallel-serial
conversion
Reset gate clock
Substrate clock
VT
V
φ1,Vφ2A,
V
φ2B, Vφ3
H
φ1
H
φ2
H
φ1
H
φ2
φRG
φSUB
2.3
25.5
28
11
1.5
2.5
30.5
33
12
1.8
28
25.5
33
30.5
63.5
0.5
9
9
0.01
0.01
3
16.5
14
0.5
15
0.5
9
9
0.01
0.01
3
350
16.5
14
0.5
µs
ns
ns
µs
ns
µs
During
readout
∗1
∗2
During
drain
charge
Item
Symbol
twh
twl
tr
tf
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Unit
Remarks
Horizontal transfer clock
H
φ1, Hφ2 21.5 25.5
ns
Item
Symbol
two
Min. Typ. Max.
Unit
Remarks
∗1 When vertical transfer clock driver CXD1267AN is used.
∗2 tf ≥ tr – 2ns, and the cross-point voltage (V
CR
) for the H
φ1 rising side of the Hφ1 and Hφ2 waveforms must be
at least V
φH/2 [V].
Clock Switching Characteristics
R
G
B
Wave Length [nm]
0.2
0.4
0.6
0.8
1
0
350
400
450
500
550
600
650
700
Spectral Sensitivity Characteristics (includes lens characteristics, excludes light source characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com