Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICX098 Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX098
Description  Diagonal 4.5mm (Type 1/4) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX098 Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX098 Datasheet HTML 6Page - Sony Corporation ICX098 Datasheet HTML 7Page - Sony Corporation ICX098 Datasheet HTML 8Page - Sony Corporation ICX098 Datasheet HTML 9Page - Sony Corporation ICX098 Datasheet HTML 10Page - Sony Corporation ICX098 Datasheet HTML 11Page - Sony Corporation ICX098 Datasheet HTML 12Page - Sony Corporation ICX098 Datasheet HTML 13Page - Sony Corporation ICX098 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
– 10 –
ICX098AK
Measurement conditions
1) In the following measurements, the device drive conditions are at the typical values of the bias and clock
voltage conditions.
2) In the following measurements, spot blemishes are excluded and, unless otherwise specified, the optical
black level (OB) is used as the reference for the signal output, which is taken as the value of the Gr/Gb
signal output or the R/B signal output of the measurement system.
Definition of standard imaging conditions
1) Standard imaging condition I:
Use a pattern box (luminance 706cd/m2, color temperature of 3200K halogen source) as a subject. (Pattern
for evaluation is not applicable.) Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter
and image at F5.6. The luminous intensity to the sensor receiving surface at this point is defined as the
standard sensitivity testing luminous intensity.
2) Standard imaging condition
ΙΙ:
Image a light source (color temperature of 3200K) with a uniformity of brightness within 2% at all angles.
Use a testing standard lens with CM500S (t = 1.0mm) as an IR cut filter. The luminous intensity is adjusted
to the value indicated in each testing item by the lens diaphragm.
1. G sensitivity, sensitivity comparison
Set to standard imaging condition I. After selecting the electronic shutter mode with a shutter speed of
1/100s, measure the signal outputs (VGr, VGb, VR and VB) at the center of each Gr, Gb, R and B channel
screens, and substitute the values into the following formula.
VG = (VGr + VGb)/2
Sg = VG
×
[mV]
Rr = VR/VG
Rb = VB/VG
2. Saturation signal
Set to standard imaging condition II. After adjusting the luminous intensity to 20 times the intensity with the
average value of the Gr signal output, 150mV, measure the minimum values of the Gr, Gb, R and B signal
outputs.
3. Smear
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, first adjust the average value of
the Gr signal output to 150mV. Measure the average values of the Gr signal output, Gb signal output, R signal
output and B signal output (Gra, Gba, Ra, Ba), and then adjust the luminous intensity to 500 times the intensity
with average value of the Gr signal output, 150mV. After the readout clock is stopped and the charge drain is
executed by the electronic shutter at the respective H blankings, measure the maximum value (Vsm [mV]),
independent of the Gr, Gb, R and B signal outputs, and substitute the values into the following formula.
Sm = Vsm ÷
×
×
× 100 [%] (1/10V method conversion value)
4. Video signal shading
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity so
that the average value of the Gr signal output is 150mV. Then measure the maximum (Grmax [mV]) and
minimum (Grmin [mV]) values of the Gr signal output and substitute the values into the following formula.
SHg = (Grmax – Grmin)/150
× 100 [%]
100
30
1
500
Gra + Gba + Ra + Ba
4
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com