Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8326 Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
44
It is recommended to re-lock the protected registers immediately after writing to them. This helps
protect the system against accidental overwriting of register values. To lock the protected registers, a
value of 0000h should be written to the Security register.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16392 (4008h)
Security Key
15:0
SECURITY
[15:0]
0000h
Security Key
A value of 9716h must be written
to this register to access the user-
keyed registers.
Table 13 Security Key Registers
12.5 SOFTWARE RESET AND CHIP ID
A Software Reset can be commanded by writing to Register 0000h. This is a read-only register field
and the contents of this register will not be affected by a write operation. For more details of the
different reset types, see Section 24.
Note that a maximum of 6 Software Resets is permitted. If more than 6 Software Resets are
scheduled, the WM8326 will remain in the OFF state until the next valid ON state transition event
occurs.
The Chip ID can be read back from Register 0000h. Other ID fields can be read from the registers
defined in Table 14.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (0000h)
Reset/ID
15:0
CHIP_ID
[15:0]
0000h
Writing to this register causes a
Software Reset. The register map
contents may be reset, depending
on SW_RESET_CFG.
Reading from this register will
indicate Chip ID.
R1 (0001h)
Revision
15:8
PARENT_RE
V [7:0]
00h
The revision number of the parent
die
7:0
CHILD_REV
[7:0]
00h
The revision number of the child
die (when present)
R16384 (4000h)
Parent ID
15:0
PARENT_ID
[15:0]
6246h
The ID of the parent die
Table 14 Reading Device Information
12.6 SOFTWARE SCRATCH REGISTER
The WM8326 provides one 16-bit register as a “Software Scratch” register. This is available for use
by the host processor to store data for any purpose required by the application.
The contents of the Software Scratch register are retained in the BACKUP power state.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16393 (4009h)
Software Scratch
15:0
SW_SCRATC
H [15:0]
0000h
Software Scratch Register for use
by the host processor.
Note that this register’s contents
are retained in the BACKUP power
state.
Table 15 Software Scratch Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com